Electronic Components Datasheet Search
  English  ▼

X  

AD4695BCPZ Datasheet(PDF) 96 Page - Analog Devices

Part # AD4695BCPZ
Description  16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4695BCPZ Datasheet(HTML) 96 Page - Analog Devices

Back Button AD4695BCPZ Datasheet HTML 88Page - Analog Devices AD4695BCPZ Datasheet HTML 89Page - Analog Devices AD4695BCPZ Datasheet HTML 90Page - Analog Devices AD4695BCPZ Datasheet HTML 91Page - Analog Devices AD4695BCPZ Datasheet HTML 92Page - Analog Devices AD4695BCPZ Datasheet HTML 93Page - Analog Devices AD4695BCPZ Datasheet HTML 94Page - Analog Devices AD4695BCPZ Datasheet HTML 95Page - Analog Devices AD4695BCPZ Datasheet HTML 96Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 96 / 96 page
background image
AD4695/AD4696
Data Sheet
Rev. 0 | Page 96 of 96
OUTLINE DIMENSIONS
3.25
3.10 SQ
2.95
0.80
0.75
0.70
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
32
9
16
17
24
25
8
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.50
0.40
0.30
0.20 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD
EXPOSED
PAD
SIDE VIEW
P IN 1
IN D IC ATO R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
AREA
SEATING
PLANE
Figure 120. 32-Lead Lead Frame Chip Scale Package [LFCSP]
5 mm × 5 mm Body and 0.75 mm Package Height
(CP-32-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Sample
Rate
Temperature
Range
Package Description
Ordering
Quantity
Package
Option
AD4695BCPZ
500 kSPS
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
490
CP-32-7
AD4695BCPZ-RL7
500 kSPS
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
1500
CP-32-7
AD4696BCPZ
1 MSPS
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
490
CP-32-7
AD4696BCPZ-RL7
1 MSPS
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
1500
CP-32-7
1 Z = RoHS Compliant Part.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D24816-12/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com