Electronic Components Datasheet Search
  English  ▼

X  

ASPM34 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 5 Page - ON Semiconductor

  ASPM34 Datasheet HTML 1Page - ON Semiconductor ASPM34 Datasheet HTML 2Page - ON Semiconductor ASPM34 Datasheet HTML 3Page - ON Semiconductor ASPM34 Datasheet HTML 4Page - ON Semiconductor ASPM34 Datasheet HTML 5Page - ON Semiconductor ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NFVA23512NP2T
www.onsemi.com
5
ABSOLUTE MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Rating
Unit
INVERTER PART
VPN
Supply Voltage
Applied between P−NU, NV, NW
900
V
VPN(Surge)
Supply Voltage (Surge)
Applied between P−NU, NV, NW
1000
V
VCES
Collector−Emitter Voltage
1200
V
±IC
Each IGBT Collector Current
TC = 100°C, TJ ≤150°C, VDD ≥ 15 V
(Note 4)
35
A
±ICP
Each IGBT Collector Current (Peak)
TC = 25°C, TJ ≤150°C, Under 1 ms
Pulse Width (Note 4)
70
A
PC
Collector Dissipation
TC = 25°C per One Chip (Note 4)
171
W
TJ
Operating Junction Temperature
VCES = 960 V
−40∼150
°C
VCES = 1200 V
−40∼125
CONTROL PART
VDD
Control Supply Voltage
Applied between VDD(H), VDD(L) − COM
20
V
VBS
High−Side Control Bias Voltage
Applied between VB(U)−VS(U),
VB(V)−VS(V), VB(W)−VS(W)
20
V
VIN
Input Signal Voltage
Applied between IN(UH), IN(VH), IN(WH),
IN(UL), IN(VL), IN(WL) − COM
−0.3∼VDD+0.3
V
VFO
Fault Output Supply Voltage
Applied between VFO − COM
−0.3∼VDD+0.3
V
IFO
Fault Output Current
Sink Current at VFO pin
2
mA
VSC
Current Sensing Input Voltage
Applied between CSC − COM
−0.3∼VDD+0.3
V
BOOTSTRAP DIODE PART
VRRM
Maximum Repetitive Reverse Voltage
1200
V
IF
Forward Current
TC = 25°C, TJ ≤150°C (Note 4)
1.0
A
IFP
Forward Current (Peak)
TC = 25°C, TJ ≤150°C, Under 1 ms
Pulse Width (Note 4)
2.0
A
TJ
Operating Junction Temperature
(Note 5)
−40∼150
°C
TOTAL SYSTEM
tSC
Short Circuit Withstand Time
VDD = VBS ≤ 16.5 V, VPN ≤ 800 V,
TJ = 150°C
Non−repetitive
3
ms
TSTG
Storage Temperature
−40∼150
°C
VISO
Isolation Voltage
60 Hz, Sinusoidal, AC 1 minute,
Connection Pins to Heat Sink Plate
2500
Vrms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
4. These values had been made an acquisition by the calculation considered to design factor.
THERMAL RESISTANCE
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Rth(j−c)Q
Junction to Case Thermal Resistance
(Note 5)
Inverter IGBT part (per 1/6 module)
−
−
0.73
°C/W
Rth(j−c)F
Inverter FWD part (per 1/6 module)
−
−
1.26
°C/W
Ls
Package Stray Inductance
P to NU, NV, NW (Note 6)
−
32
−
nH
5. For the measurement point of case temperature (TC), please refer to Figure 1. DBC discoloration and Picker Circle Printing allowed, please
refer to application note AN−9190 (Impact of DBC Oxidation on SPM® Module Performance).
6. Stray inductance per phase measured per IEC 60747−15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com