Electronic Components Datasheet Search
  English  ▼

X  

ASPM34 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ASPM34 Datasheet HTML 2Page - ON Semiconductor ASPM34 Datasheet HTML 3Page - ON Semiconductor ASPM34 Datasheet HTML 4Page - ON Semiconductor ASPM34 Datasheet HTML 5Page - ON Semiconductor ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor ASPM34 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NFVA23512NP2T
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS − INVERTER PART (TJ as specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCE(SAT)
Collector − Emitter Saturation Voltage VDD = VBS = 15 V, VIN = 5 V,
IC = 35 A, TJ = 25°C
−
1.90
2.50
V
VDD = VBS = 15 V, VIN = 5 V,
IC = 35 A, TJ = 150°C
2.35
2.95
V
VF
FWDi Forward Voltage
VIN = 0 V, IF = 35 A, TJ = 25°C
−
2.10
2.70
V
VIN = 0 V, IF = 35 A, TJ = 150°C
2.05
2.65
V
HS
tON
High Side Switching Times
VPN = 600 V, VDD = 15 V, IC = 35 A,
TJ = 25°C
VIN = 0 V ⇔ 5 V, Inductive Load
See Figure 4
(Note 7)
0.70
1.20
1.80
ms
tC(ON)
−
0.40
0.85
ms
tOFF
−
1.20
1.80
ms
tC(OFF)
−
0.15
0.55
ms
trr
−
0.20
−
ms
LS
tON
Low Side Switching Times
VPN = 600 V, VDD = 15 V, IC = 35 A,
TJ = 25°C
VIN = 0 V ⇔ 5 V, Inductive Load
See Figure 4
(Note 7)
0.50
1.00
1.60
ms
tC(ON)
−
0.40
0.85
ms
tOFF
−
1.40
2.00
ms
tC(OFF)
−
0.20
0.60
ms
trr
−
0.25
−
ms
ICES
Collector−Emitter Leakage Current
TJ = 25°C, VCE = VCES
−
−
3
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
7. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the
given gate driving condition internally. For the detailed information see Figure 3.
PACKAGE MARKING AND ORDERING INFORMATION
Device
Device Marking
Package
Shipping
NFVA23512NP2T
NFVA23512NP2T
ASPM34−CAA
(Pb−Free)
6 Units/Tube
Figure 3. Switching Time Definition
100% IC
100% IC
trr
VCE
IC
VIN
tON
tc(ON)
10% IC
VIN(ON)
90% IC 10% VCE
(a) turn − on
IC
VCE
VIN
tOFF
tc(OFF)
VIN(OFF)
10% IC
10% VCE
(b) turn − off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com