Electronic Components Datasheet Search
  English  ▼

X  

ASPM34 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 1 Page - ON Semiconductor

  ASPM34 Datasheet HTML 1Page - ON Semiconductor ASPM34 Datasheet HTML 2Page - ON Semiconductor ASPM34 Datasheet HTML 3Page - ON Semiconductor ASPM34 Datasheet HTML 4Page - ON Semiconductor ASPM34 Datasheet HTML 5Page - ON Semiconductor ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2018
December, 2019 − Rev. 4
1
Publication Order Number:
NFVA23512NP2T/D
ASPM34 Series
Automotive 3−Phase 1200 V, 35 A IGBT
Intelligent Power Module
NFVA23512NP2T
General Description
NFVA23512NP2T is an advanced Auto IPM module providing a
fully−featured, high−performance inverter output stage for hybrid and
electric vehicles. These modules integrate optimized gate drive of the
built−in IGBTs to minimize EMI and losses, while also providing
multiple on−module protection features including under−voltage
lockouts, over−current shutdown, thermal monitoring of drive IC, and
fault reporting. The built−in, high−speed HVIC requires only a single
supply voltage and translates the incoming logic−level gate inputs to
the high−voltage, high−current drive signals required to properly drive
the module’s internal IGBTs. Separate negative IGBT terminals are
available for each phase to support the widest variety of control
algorithms.
Features
• Automotive SPM® in 34 pin DIP package
• AEC & AQG324 Qualified and PPAP Capable
• 1200 V − 35 A 3−Phase IGBT Inverter with Integral Gate Drivers
and Protection
• Low−Loss, Short−Circuit Rated IGBTs
• Very Low Thermal Resistance using Al2O3 DBC Substrate
• Built−In Bootstrap Diodes and Dedicated Vs Pins Simplify PCB
Layout
• Separate Open−Emitter Pins from Low−Side IGBTs for Three−Phase
Current Sensing
• Single−Grounded Power Supply Supported
• Built−In NTC Thermistor for Temperature Monitoring and
Management
• Adjustable Over−Current Protection via Integrated Sense−IGBTs
• Isolation Rating of 2500 Vrms/1 min
• This is a Pb−Free Device
Applications
• Automotive High Voltage Auxiliary Motors
♦ Climate e−Compressors
♦ Oil/Water Pumps
♦ Super/Turbo Chargers
♦ Variety Fans
• Motion Control
♦ Industrial Motor
Related Resources
• AN−9075 − Users Guide for 1200V SPM® 2 Series
• AN−9076 − Mounting Guide for New SPM® 2 Package
• AN−9079 − Thermal Performance of 1200V Motion SPM® 2 Series
by Mounting Torque
www.onsemi.com
See detailed ordering and shipping information on page 6 of
this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
3D Package Drawing
(Click to Activate 3D Content)
DIP34 80x33, AUTOMOTIVE MODULE
CASE MODGL
XXXXXXXXXXXX
= Specific Device Code
ZZZ
= Lot ID
AT
= Assembly & Test Location
Y
= Year
W
= Work Week
NNN
= Serial Number


Similar Part No. - ASPM34

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASPM34 ONSEMI-ASPM34 Datasheet
812Kb / 16P
Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
May, 2020 ??Rev. 0
More results

Similar Description - ASPM34

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFVA35065L32 ONSEMI-NFVA35065L32 Datasheet
675Kb / 15P
3?뭁hase 650 V, 50 A Automotive Smart Power Module
May, 2018 ??Rev. 2
NFAM2012L5BT ONSEMI-NFAM2012L5BT Datasheet
390Kb / 10P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFVA25012NP2T ONSEMI-NFVA25012NP2T Datasheet
812Kb / 16P
Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
May, 2020 ??Rev. 0
NFVA22512NP2T ONSEMI-NFVA22512NP2T Datasheet
896Kb / 16P
ASPM34 Series Automotive 3-Phase 1200 V 25 A IGBT Intelligent Power Module
May, 2020 ??Rev. 0
NFVA33065L32 ONSEMI-NFVA33065L32 Datasheet
893Kb / 14P
3?뭁hase 650 V, 30 A Automotive Smart Power Module
November, 2018 ??Rev. 2
NFVA34065L32 ONSEMI-NFVA34065L32 Datasheet
889Kb / 14P
3?뭁hase 650 V, 40 A Automotive Smart Power Module
November, 2018 ??Rev. 2
NFAM1012L5BT ONSEMI-NFAM1012L5BT Datasheet
346Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM2012L5B ONSEMI-NFAM2012L5B Datasheet
487Kb / 9P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFAM0512L5BT ONSEMI-NFAM0512L5BT Datasheet
218Kb / 9P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com