Electronic Components Datasheet Search
  English  ▼

X  

ASPM34 Datasheet(PDF) 11 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor ASPM34 Datasheet HTML 10Page - ON Semiconductor ASPM34 Datasheet HTML 11Page - ON Semiconductor ASPM34 Datasheet HTML 12Page - ON Semiconductor ASPM34 Datasheet HTML 13Page - ON Semiconductor ASPM34 Datasheet HTML 14Page - ON Semiconductor ASPM34 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NFVA23512NP2T
www.onsemi.com
11
Figure 10. Under−Voltage Protection (High−Side)
b1: Control supply voltage rises: After the voltage rises UVBSR, the circuits start to operate when next input is applied.
Input signal
Protection
Circuit State
Control
Supply Voltage
Output Current
Fault Output Signal
UVBSR
UVBSD
RESET
SET
RESET
b1
b2
b3
b4
b5
b6
b2: Normal operation: IGBT ON and carrying current.
b3: Under voltage detection (UVBSD).
b4: IGBT OFF in spite of control input condition, but there is no fault output signal.
b5: Under−voltage reset (UVBSR).
b6: Normal operation: IGBT ON and carrying current by triggering next signal from LOW to HIGH.
High−level (no fault output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com