Electronic Components Datasheet Search
  English  ▼

X  

ASPM34 Datasheet(PDF) 9 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ASPM34 Datasheet HTML 5Page - ON Semiconductor ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor ASPM34 Datasheet HTML 10Page - ON Semiconductor ASPM34 Datasheet HTML 11Page - ON Semiconductor ASPM34 Datasheet HTML 12Page - ON Semiconductor ASPM34 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NFVA23512NP2T
www.onsemi.com
9
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Conditions
Value
Unit
Min.
Typ.
Max.
VPN
Supply Voltage
Applied between P − NU, NV, NW
300
600
800
V
VDD
Control Supply Voltage
Applied between VDD(UH, VH, WH) − COM(H),
VDD(L) − COM(L)
14.0
15
16.5
V
VBS
High−Side Bias Voltage
Applied between VB(U) − VS(U), VB(V) − VS(V),
VB(W) − VS(W)
13.0
15
18.5
V
dVDD/dt,
dVBS/dt,
Control Supply Variation
−1
−
1
V/ms
tdead
Blanking Time for Preventing
Arm−Short
For Each Input Signal
2.0
−
−
ms
fPWM
PWM Input Signal
−40°C ≤ TC ≤ 125°C, −40°C ≤ TJ ≤ 150°C
−
−
20
kHz
VSEN
Voltage for Current Sensing
Applied between NU, NV, NW − COM(H, L)
(Including Surge Voltage)
−5
−
5
V
PWIN(ON)
Minimum Input Pulse Width
VDD = VBS = 15 V, IC ≤ 70 A, Wiring Inductance
between NU,V,W and DC Link N < 10 nH
(Note 11)
2.0
−
−
ms
PWIN(OFF)
2.0
−
−
TJ
Junction Temperature
−40
−
150
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
11. This product might not make response if input pulse width is less than the recommended value.
MECHANICAL CHARACTERISTICS AND RATINGS
Parameter
Conditions
Value
Unit
Min.
Typ.
Max.
Device Flatness
See Figure 7
0
−
+200
mm
Mounting Torque
Mounting Screw: M4
See Figure 8
Recommended 1.0 N•m
0.9
1.0
1.5
N•m
Recommended 10.1 kg•cm
9.1
10.1
15.1
kg•cm
Terminal Pulling Strength
Load 19.6 N
10
−
−
s
Terminal Bending Strength
Load 9.8 N, 90 degrees Bend
2
−
−
times
Weight
−
50
−
g
Figure 7. Flatness Measurement Position
(+)
(+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com