Electronic Components Datasheet Search
  English  ▼

X  

ADL5206 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5206
Description  1.0 GHz DGA with 30 dB Range and 1 dB Step Size
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5206 Datasheet(HTML) 4 Page - Analog Devices

  ADL5206 Datasheet HTML 1Page - Analog Devices ADL5206 Datasheet HTML 2Page - Analog Devices ADL5206 Datasheet HTML 3Page - Analog Devices ADL5206 Datasheet HTML 4Page - Analog Devices ADL5206 Datasheet HTML 5Page - Analog Devices ADL5206 Datasheet HTML 6Page - Analog Devices ADL5206 Datasheet HTML 7Page - Analog Devices ADL5206 Datasheet HTML 8Page - Analog Devices ADL5206 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ADL5206
Data Sheet
Rev. 0 | Page 4 of 25
3.3 V Supply1
5 V Supply1
Parameter2
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
100 MHz
Noise Figure
5.8
5.9
dB
HD2
VOUT = 2 V p-p
−75.8
−78.4
dBc
HD3
VOUT = 2 V p-p
−72.2
−81
dBc
OIP2
VOUT = 2 V p-p composite
74.7
76.8
dBm
IMD3
VOUT = 2 V p-p composite
−77
−84.8
dBc
OIP3
VOUT = 2 V p-p composite
38.5
42.4
dBm
300 MHz
Noise Figure
4.6
5.1
dB
HD2
VOUT = 2 V p-p
−67.8
−77.6
dBc
HD3
VOUT = 2 V p-p
−56.2
−67.9
dBc
OIP2
VOUT = 2 V p-p composite
70.5
79.5
dBm
IMD3
VOUT = 2 V p-p composite
−75
−78.8
dBc
OIP3
VOUT = 2 V p-p composite
37.5
39.4
dBm
500 MHz
Noise Figure
4.5
5
dB
HD2
VOUT = 2 V p-p
−58.7
−65.6
dBc
HD3
VOUT = 2 V p-p
−52.6
−66.2
dBc
OIP2
VOUT = 2 V p-p composite
58.3
65.7
dBm
IMD3
VOUT = 2 V p-p composite
−68.3
−76.6
dBc
OIP3
VOUT = 2 V p-p composite
34
38.3
dBm
OP1dB
14.3
18
dBm
700 MHz
Noise Figure
6.7
7
dB
HD2
VOUT = 2 V p-p
−62.7
−69
dBc
HD3
VOUT = 2 V p-p
−55.4
−77.7
dBc
OIP2
VOUT = 2 V p-p composite
64.2
67.2
dBm
IMD3
VOUT = 2 V p-p composite
−61.2
−76.3
dBc
OIP3
VOUT = 2 V p-p composite
30.6
38.1
dBm
1000 MHz
Noise Figure
7.5
7.9
dB
HD2
VOUT = 2 V p-p
−60.3
−62.5
dBc
HD3
VOUT = 2 V p-p
−49
−61
dBc
OIP2
VOUT = 2 V p-p composite
61.6
63.3
dBm
IMD3
VOUT = 2 V p-p composite
−56.5
−69.1
dBc
OIP3
VOUT = 2 V p-p composite
28.2
34.5
dBm
1200 MHz
Noise Figure
6.6
7
dB
HD2
VOUT = 2 V p-p
−53.4
−57.2
dBc
HD3
VOUT = 2 V p-p
−44
−52
dBc
OIP2
VOUT = 2 V p-p composite
53.6
57.5
dBm
IMD3
VOUT = 2 V p-p composite
−54.4
−66.9
dBc
OIP3
VOUT = 2 V p-p composite
27.2
33.4
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com