Electronic Components Datasheet Search
  English  ▼

X  

ADL5206 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5206
Description  1.0 GHz DGA with 30 dB Range and 1 dB Step Size
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5206 Datasheet(HTML) 2 Page - Analog Devices

  ADL5206 Datasheet HTML 1Page - Analog Devices ADL5206 Datasheet HTML 2Page - Analog Devices ADL5206 Datasheet HTML 3Page - Analog Devices ADL5206 Datasheet HTML 4Page - Analog Devices ADL5206 Datasheet HTML 5Page - Analog Devices ADL5206 Datasheet HTML 6Page - Analog Devices ADL5206 Datasheet HTML 7Page - Analog Devices ADL5206 Datasheet HTML 8Page - Analog Devices ADL5206 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADL5206
Data Sheet
Rev. 0 | Page 2 of 25
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications ...................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications .................................................................................... 3
 
Timing Specifications .................................................................. 6
 
Absolute Maximum Ratings ........................................................... 7
 
Thermal Resistance ...................................................................... 7
 
Junction to Board Thermal Impedance .................................... 7
 
ESD Caution.................................................................................. 7
 
Pin Configuration and Function Descriptions ............................ 8
 
Typical Performance Characteristics........................................... 10
 
Theory of Operation ...................................................................... 19
 
Basic Structure............................................................................ 19
 
Control and Logic Circuitry ..................................................... 19
 
Common-Mode Voltage ........................................................... 19
 
Register Summary and Details ..................................................... 20
 
Applications Information ............................................................. 21
 
Basic Connections...................................................................... 21
 
Digital Interface Overview........................................................ 22
 
SPI Read....................................................................................... 23
 
ADC Interfacing......................................................................... 24
 
Noise Figure vs. Gain Setting ................................................... 24
 
Outline Dimensions....................................................................... 25
 
Ordering Guide .......................................................................... 25
 
REVISION HISTORY
9/2020—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com