Electronic Components Datasheet Search
  English  ▼

X  

ADL5206 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5206
Description  1.0 GHz DGA with 30 dB Range and 1 dB Step Size
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5206 Datasheet(HTML) 3 Page - Analog Devices

  ADL5206 Datasheet HTML 1Page - Analog Devices ADL5206 Datasheet HTML 2Page - Analog Devices ADL5206 Datasheet HTML 3Page - Analog Devices ADL5206 Datasheet HTML 4Page - Analog Devices ADL5206 Datasheet HTML 5Page - Analog Devices ADL5206 Datasheet HTML 6Page - Analog Devices ADL5206 Datasheet HTML 7Page - Analog Devices ADL5206 Datasheet HTML 8Page - Analog Devices ADL5206 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Data Sheet
ADL5206
Rev. 0 | Page 3 of 25
SPECIFICATIONS
TA = 25°C, load impedance (ZLOAD) = 100 Ω, maximum gain (gain code = 00000), frequency = 300 MHz, and 2 V p-p differential output,
unless otherwise noted.
Table 1.
3.3 V Supply1
5 V Supply1
Parameter2
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
At 20 dB
1.7
1.6
GHz
At 25 dB
1.4
1.3
GHz
At 32 dB
1.2
1.0
GHz
Slew Rate
4.3
4.3
V/ns
INPUT STAGE
VIN+ and VIN− pins
Maximum Input Swing3
Gain code = 11111
4
6.2
V p-p
Differential Input Resistance
100
100
Ω
Input Common-Mode Voltage
1.65
2.5
V
Common-Mode Rejection Ratio (CMRR)
56
56
dB
GAIN
Voltage Gain Range
30
30
dB
Maximum Gain
Gain code = 00000
32
32
dB
Minimum Gain
Gain code = 11110 to 11111
2
2
dB
Gain Step Size
1
1
dB
Gain Step Accuracy
±0.2
±0.2
dB
Gain Flatness
From 30 MHz to 700 MHz
0.2
0.2
dB p-p
Gain Temperature Sensitivity
Gain code = 00000 and at
700 MHz
3
4
mdB/°C
Fast Attack Step Response Delay
For input voltage (VIN) = 0.1 V,
FA changing from 0 to 1 with
16 dB step
5
5
ns
COMMON-MODE INPUTS
VCM Pin Input Resistance
2.6
2.6
kΩ
OUTPUT STAGE
VOUT+ and VOUT− pins
Output Voltage Swing
At 1 dB compression point (P1dB),
gain code = 00000
4.1
6.25
V p-p
Common-Mode Voltage Reference
VCM pin
1.2
1.65
1.8
1.4
2.5
2.7
V
Output Common-Mode Offset
((VOUT+) + (VOUT−))/2 − VCM/2
−10
+10
−10
+10
mV
Differential Output Resistance
10
10
Ω
Short-Circuit Current
20
25
mA
NOISE AND HARMONIC PERFORMANCE
10 MHz
Noise Figure
6.2
6.3
dB
Second Harmonic Distortion (HD2)
VOUT = 2 V p-p
−85
−89.2
dBc
Third Harmonic Distortion (HD3)
VOUT = 2 V p-p
−76.5
−85.6
dBc
Output Second-Order Intercept (OIP2)
VOUT = 2 V p-p composite
84.3
87.1
dBm
Third Intermodulation Distortion
(IMD3)
VOUT = 2 V p-p composite
−78.9
−85.8
dBc
Output Third-Order Intercept (OIP3)
VOUT = 2 V p-p composite
39.4
42.9
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com