Electronic Components Datasheet Search
  English  ▼

X  

ADL5206 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5206
Description  1.0 GHz DGA with 30 dB Range and 1 dB Step Size
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5206 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5206 Datasheet HTML 9Page - Analog Devices ADL5206 Datasheet HTML 10Page - Analog Devices ADL5206 Datasheet HTML 11Page - Analog Devices ADL5206 Datasheet HTML 12Page - Analog Devices ADL5206 Datasheet HTML 13Page - Analog Devices ADL5206 Datasheet HTML 14Page - Analog Devices ADL5206 Datasheet HTML 15Page - Analog Devices ADL5206 Datasheet HTML 16Page - Analog Devices ADL5206 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
ADL5206
Rev. 0 | Page 13 of 25
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
VOLTAGE GAIN = 14dB
VOLTAGE GAIN = 26dB
VOLTAGE GAIN = 32dB
VOLTAGE GAIN = 6dB
VPOS = 3.3V
VPOS = 5V
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
Figure 24. HD3 vs. Frequency over VPOS = 3.3 V and VPOS = 5 V for
Four Voltage Gains at 2 V p-p, Low Power Mode
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
TA = –40°C
TA = +25°C
TA = +85°C
VPOS = 3.3V
VPOS = 5V
Figure 25. HD3 vs. Frequency over VPOS = 3.3 V and VPOS = 5 V for
Three Temperatures at Maximum Gain, 2 V p-p, Low Power Mode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
FREQUENCY (MHz)
VOLTAGE GAIN = 9dB TO 2dB
VOLTAGE GAIN = 17dB TO 10dB
VOLTAGE GAIN = 32dB TO 18dB
0
500
1000
1500
2000
Figure 26. Noise Figure vs. Frequency over Voltage Gain Ranges,
5 V High Performance Mode
FREQUENCY (MHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VOLTAGE GAIN = 9dB TO 2dB
VOLTAGE GAIN = 17dB TO 10dB
VOLTAGE GAIN = 32dB TO 18dB
0
500
1000
1500
2000
Figure 27. Noise Figure vs. Frequency over Voltage Gain Ranges,
5 V Low Power Mode
FREQUENCY (MHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VOLTAGE GAIN = 9dB TO 2dB
VOLTAGE GAIN = 17dB TO 10dB
VOLTAGE GAIN = 32dB TO 18dB
0
500
1000
1500
2000
Figure 28. Noise Figure vs. Frequency over Voltage Gain Ranges,
3.3 V Low Power Mode
10
0
–10
–20
–30
–40
–50
–60
0
2
4
6
FREQUENCY (GHz)
8
10
12
Figure 29. SDD11 vs. Frequency at Gain = 2 dB, 5 V High Performance Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com