Electronic Components Datasheet Search
  English  ▼

X  

ADL5206 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5206
Description  1.0 GHz DGA with 30 dB Range and 1 dB Step Size
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5206 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5206 Datasheet HTML 17Page - Analog Devices ADL5206 Datasheet HTML 18Page - Analog Devices ADL5206 Datasheet HTML 19Page - Analog Devices ADL5206 Datasheet HTML 20Page - Analog Devices ADL5206 Datasheet HTML 21Page - Analog Devices ADL5206 Datasheet HTML 22Page - Analog Devices ADL5206 Datasheet HTML 23Page - Analog Devices ADL5206 Datasheet HTML 24Page - Analog Devices ADL5206 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
ADL5206
Rev. 0 | Page 21 of 25
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 57 shows the basic connections for operating the
ADL5206.
Apply a 3.3 V or 5 V voltage to the VPOS pins. Decouple the
supply pins with at least one low inductance, surface-mount, 0.1
µF ceramic capacitor and place the capacitor as close to the
device as possible.
The differential outputs (VOUT+ and VOUT−) have a dc
common-mode voltage that is approximately half of the supply.
Therefore, decouple these outputs using 0.1 µF capacitors to
balance the load. The balanced differential inputs have the same
dc common-mode voltage as the outputs. Note that the inputs
are decoupled using 0.1 µF capacitors as well. The digital pins
(that is the mode control pins, the associated SPI and parallel
gain control pins, the power mode, and the PWUP pin) operate
at a 3.3 V voltage.
To enable the ADL5206, pull the PWUP pin high (2.0 V ≤
PWUP ≤ 3.3 V).
A logic low on the PWUP pin sets the ADL5206 to sleep mode,
reducing the current consumption to approximately 7 mA. The
VCOM pin is the output common-mode voltage, and the
VCOM pin must be decoupled with a 0.1 µF capacitor for
filtering noise.
14
13
12
VOUT–
15
VOUT+
PWUP
PWUP
DNC
11
LATCH/SPI_HP_LP
VCOM
MODE0
MODE1
SDIO/SDO
SCLK/D4
VCOM
MODE0
MODE1
SDIO/SDO
SCLK/D4
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THESE PINS.
2. EXPOSED PAD GROUND. THE EXPOSED PAD MUST BE
CONNECTED TO A LOW IMPEDANCE GROUND PLANE.
ADL5206
EXPOSED
PAD
BALANCED
LOAD
5PO_VCC
0.1µF
0.1µF
0.1µF
BALANCED
SOURCE
AC
0.1µF
0.1µF
0.1µF
0.1µF
½RS
RL
½RS
LATCH/SPI_HP_LP
Figure 57. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com