Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 4 Page - Analog Devices

Part # LT3755
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3755 Datasheet(HTML) 4 Page - Analog Devices

  LT3755 Datasheet HTML 1Page - Analog Devices LT3755 Datasheet HTML 2Page - Analog Devices LT3755 Datasheet HTML 3Page - Analog Devices LT3755 Datasheet HTML 4Page - Analog Devices LT3755 Datasheet HTML 5Page - Analog Devices LT3755 Datasheet HTML 6Page - Analog Devices LT3755 Datasheet HTML 7Page - Analog Devices LT3755 Datasheet HTML 8Page - Analog Devices LT3755 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LT8393
4
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage Range
l
4
60
V
VIN Quiescent Current
VEN/UVLO = 0.3V
VEN/UVLO = 1.1V
Not Switching
1
270
2.4
2
4
µA
µA
mA
VOUT Voltage Range
l
0
100
V
VOUT Quiescent Current
VEN/UVLO = 0.3V, VOUT = 12V
Not Switching, VOUT = 12V
30
0.1
50
0.5
70
µA
µA
Linear Regulators
INTVCC Regulation Voltage
IINTVCC = 20mA
4.85
5.0
5.15
V
INTVCC Current Limit
VINTVCC = 4.5V
110
150
190
mA
INTVCC Undervoltage Lockout Threshold
Falling
3.44
3.54
3.64
V
INTVCC Undervoltage Lockout Hysteresis
0.24
V
VREF Regulation Voltage
IVREF = 100µA
l
1.96
2.00
2.04
V
VREF Current Limit
VREF = 1.8V
2
2.5
3.2
mA
VREF Undervoltage Lockout Threshold
Falling
1.78
1.84
1.90
V
VREF Undervoltage Lockout Hysteresis
50
mV
Control Inputs/Outputs
EN/UVLO Shutdown Threshold
l
0.3
0.6
1.0
V
EN/UVLO Enable Threshold
Falling
l
1.196
1.220
1.244
V
EN/UVLO Enable Hysteresis
13
mV
EN/UVLO Hysteresis Current
VEN/UVLO = 1.1V
VEN/UVLO = 1.3V
2.1
–0.1
2.5
0
2.9
0.1
µA
µA
CTRL Input Bias Current
VCTRL = 0.75V, Current Out of Pin
0
20
50
nA
CTRL Dim-Off Threshold
Falling
l
180
200
220
mV
CTRL Dim-Off Hysteresis
28
mV
PWM Dimming
External PWM Dimming Threshold
Rising, RP = 30k
l
1.3
1.4
1.5
V
External PWM Dimming Hysteresis
RP = 30k
220
mV
Internal PWM Dimming Duty Cycle
VPWM = 1V, RP ≥ 51k
VPWM = 1.5V, RP ≥ 51k
VPWM = 2V, RP ≥ 51k
47
97
3
53
%
%
%
Switching Frequency to Internal PWM Dimming
Frequency Ratio
RP = 51k
RP = 82k
RP = 130k
RP = 200k
RP = 300k
1024
2048
4096
8192
16384
Minimum VOUT for PWMTG to be On
PWM Dimming On
2.4
4
V
PWMTG On Voltage V(VOUT-PWMTG)
VOUT = 12V
8.5
10
11.5
V
PWMTG Off Voltage V(VOUT-PWMTG)
VOUT = 12V
–0.1
0
0.1
V
PWM to PWMTG Turn On Propagation Delay
CPWMTG = 3.3nF to VOUT, 50% to 50%
180
ns
PWM to PWMTG Turn Off Propagation Delay
CPWMTG = 3.3nF to VOUT, 50% to 50%
50
ns
PWMTG Turn On Fall Time
PWMTG Turn Off Rise Time
CPWMTG = 3.3nF to VOUT, 10% to 90%
CPWMTG = 3.3nF to VOUT, 90% to 10%
180
70
ns
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2). VIN = 12V, VEN/UVLO = 1.5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com