Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3755
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3755 Datasheet(HTML) 1 Page - Analog Devices

  LT3755 Datasheet HTML 1Page - Analog Devices LT3755 Datasheet HTML 2Page - Analog Devices LT3755 Datasheet HTML 3Page - Analog Devices LT3755 Datasheet HTML 4Page - Analog Devices LT3755 Datasheet HTML 5Page - Analog Devices LT3755 Datasheet HTML 6Page - Analog Devices LT3755 Datasheet HTML 7Page - Analog Devices LT3755 Datasheet HTML 8Page - Analog Devices LT3755 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LT8393
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60VIN, 100VOUT Synchronous
4-Switch Buck-Boost LED Driver
Controller with Low EMI
The LT®8393 is a synchronous 4-switch buck-boost LED
controller that regulates LED current from input volt-
age above, below, or equal to the output voltage. The
proprietary peak-buck peak-boost current mode control
scheme allows adjustable and synchronizable 350kHz to
2MHz fixed frequency operation, or internal 25% triangle
spread spectrum operation for low EMI. With 4V to 60V
input, 0V to 100V output, and seamless low noise transi-
tions between operation regions, the LT8393 is ideal for
LED driver and battery charger applications in automotive,
industrial, and battery-powered systems.
The LT8393 provides both internal (up to 128:1) and
external (up to 2000:1) LED current PWM dimming with
10V of high side PMOS gate drive. The CTRL pin provides
flexible 20:1 analog dimming with ±4% LED current ac-
curacy at 100mV full scale. Fault protection is provided to
detect an open or short LED condition, during which the
LT8393 retries, latches off, or keeps running.
93% Efficient 24W (80V, 300mA) 350kHz Buck-Boost LED Driver
Efficiency vs VIN
APPLICATIONS
n
4-Switch Single Inductor Architecture Allows VIN
Above, Below or Equal to VOUT
n
Up to 95% Efficiency
n
Proprietary Peak-Buck Peak-Boost Current Mode
n
Wide VIN Range: 4V to 60V
n
Wide VOUT Range: 0V to 100V
n
±4% LED Current Accuracy
n
2000:1 External and 128:1 Internal PWM Dimming
n
10V High Side PMOS PWM Switch Driver
n
No Top MOSFET Refresh Noise in Buck or Boost
n
Adjustable and Synchronizable: 350kHz to 2MHz
n
Flicker-Free Spread Spectrum for Low EMI
n
Open and Short LED Protection with Fault Reporting
n
AEC-Q100 Qualification in Progress
n
Automotive Head Lamps/Running Lamps
n
High Voltage LED Lighting
INPUT VOLTAGE (V)
0
5
10 15 20 25 30 35 40 45
70
75
80
85
90
95
100
8393 TA01b
All registered trademarks and trademarks are the property of their respective owners.
143k
0.1 F
4.7µF
50V
×2
0.1µF
22µF
499k
4.7µF
100k
422k
350kHz
15nF
1.5k
1M
10.7k
2x4.7µF
100V
100k
100k
0.1µF
1µF
1µF
22µH
10m
330m
82k
170Hz
EN/UVLO
VREF
CTRL
FAULT
BG2
BST2
TG2
VOUT
INTVCC
FB
ISP
ISN
SYNC/SPRD
VIN
6V TO 40V
50V
FAULT
LSP
LSN
SW1
SW2
BST1
TG1
GND
BG1
VIN
LT8393
SS
VC
RT
SSFM OFF
SSFM ON
INTVCC
VLED
INTVCC
INTVCC
PWMTG
2V TO 80V
300mA
LEDs
PWM
RP
ANALOG DIM
PWM DIM
EXT
INT
0.47µF
8393 TA01a


Similar Part No. - LT3755

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755 LINER-LT3755 Datasheet
266Kb / 24P
40VIN, 75VOUT LED Controller
LT3755 LINER-LT3755 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3755 LINEAR_DIMENSIONS-LT3755 Datasheet
355Kb / 26P
40VIN, 75VOUT LED Controllers
logo
Linear Technology
LT3755 LINER-LT3755 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
logo
Linear Integrated Syste...
LT3755 LINEAR-LT3755 Datasheet
2Mb / 30P
36V, 2A Synchronous Step-Up LED Driver
More results

Similar Description - LT3755

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
High Efficiency, Synchronous,4-Switch Buck-Boost Controller
DC1666A LINER-DC1666A Datasheet
310Kb / 8P
Four-Switch Buck-Boost LED Driver Controller
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT8390EUFD LINER-LT8390EUFD Datasheet
790Kb / 10P
60V Low EMI Synchronous 4-Switch Buck-Boost Voltage Regulator
LT8391EFE LINER-LT8391EFE Datasheet
753Kb / 8P
60V Synchronous 4-Switch Buck-Boost Led Controller with Spread Spectrum
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com