Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 5 Page - Analog Devices

Part # LT3755
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3755 Datasheet(HTML) 5 Page - Analog Devices

  LT3755 Datasheet HTML 1Page - Analog Devices LT3755 Datasheet HTML 2Page - Analog Devices LT3755 Datasheet HTML 3Page - Analog Devices LT3755 Datasheet HTML 4Page - Analog Devices LT3755 Datasheet HTML 5Page - Analog Devices LT3755 Datasheet HTML 6Page - Analog Devices LT3755 Datasheet HTML 7Page - Analog Devices LT3755 Datasheet HTML 8Page - Analog Devices LT3755 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LT8393
5
Rev. A
For more information www.analog.com
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier
Full Scale LED Current Regulation V(ISP-ISN)
VCTRL = 2V, VISP = 12V
VCTRL = 2V, VISP = 0V
l
l
96
96
100
100
104
104
mV
mV
1/2 LED Current Regulation V(ISP-ISN)
VCTRL = 0.75V, VISP = 12V
VCTRL = 0.75V, VISP = 0V
l
l
47
47
50
50
53
53
mV
mV
1/20th LED Current Regulation V(ISP-ISN)
VCTRL = 0.30V, VISP = 12V
VCTRL = 0.30V, VISP = 0V
l
l
3
3
5
5
7
7
mV
mV
ISP/ISN Input Common Mode Range
l
0
100
V
ISP Input Bias Current
VPWM = 5V, VISP = VISN = 12V
VPWM = 5V, VISP = VISN = 0V
VEN/UVLO = 0V, VISP = VISN = 12V or 0V
23
–10
0
µA
µA
µA
ISN Input Bias Current
VPWM = 5V, VISP = VISN = 12V
VPWM = 5V, VISP = VISN = 0V
VEN/UVLO = 0V, VISP = VISN = 12V or 0V
23
–10
0
µA
µA
µA
LED Current Regulation Amplifier gm
1700
µS
FB Regulation Voltage
VC = 1.2V
l
0.98
1.00
1.02
V
FB Voltage Regulation Amplifier gm
615
µS
FB Input Bias Current
FB in Regulation, Current Out of Pin
20
40
nA
VC Output Impedance
15
MΩ
VC Standby Leakage Current
VC = 1.2V, PWM Dimming Off
–10
0
10
nA
Current Comparator
Maximum Current Sense Threshold V(LSP-LSN)
Buck, VFB = 0.8V
Boost, VFB = 0.8V
l
l
34
38
48
48
62
58
mV
mV
Fault
FB Overvoltage Threshold (VFB)
Rising
1.03
1.05
1.07
V
FB Overvoltage Hysteresis
15
25
35
mV
FB Open LED Threshold (VFB)
Rising, V(ISP-ISN) = 0V
0.93
0.95
0.97
V
FB Open LED Hysteresis
V(ISP-ISN) = 0V
35
50
65
mV
FB Short LED Threshold (VFB)
Falling
0.24
0.25
0.26
V
FB Short LED Hysteresis
Hysteresis
35
50
65
mV
ISP/ISN Over Current Threshold V(ISP-ISN)
VISP = 12V
750
mV
ISP/ISN Open LED Threshold V(ISP-ISN)
Falling, VFB = 1.0V
7
10
13
mV
ISP/ISN Open LED Hysteresis
VFB = 1.0V
3
5
7
mV
FAULT Pull-Down Resistance
100
200
Ω
SS Hard Pull-Down Resistance
VEN/UVLO = 1.1V
100
200
Ω
SS Pull-Up Current
VFB = 0.8V, VSS = 0V
10
12.5
15
µA
SS Pull-Down Current
VFB = 1.0V, VSS = 2V
1
1.25
1.5
µA
SS Fault Latch-Off Threshold
Falling
1.7
V
SS Fault Reset Threshold
0.2
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2). VIN = 12V, VEN/UVLO = 1.5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com