Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3755
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3755 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3755 Datasheet HTML 13Page - Analog Devices LT3755 Datasheet HTML 14Page - Analog Devices LT3755 Datasheet HTML 15Page - Analog Devices LT3755 Datasheet HTML 16Page - Analog Devices LT3755 Datasheet HTML 17Page - Analog Devices LT3755 Datasheet HTML 18Page - Analog Devices LT3755 Datasheet HTML 19Page - Analog Devices LT3755 Datasheet HTML 20Page - Analog Devices LT3755 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LT8393
17
Rev. A
For more information www.analog.com
Shutdown and Power-On-Reset
The LT8393 enters shutdown mode and drains less than
2µA quiescent current when the EN/UVLO pin is below its
shutdown threshold (0.3V minimum). Once the EN/UVLO
pin is above its shutdown threshold (1V maximum), the
LT8393 wakes up startup circuitry, generates bandgap
reference, and powers up the internal INTVCC LDO. The
INTVCC LDO supplies the internal control circuitry and
gate drivers. Now the LT8393 enters undervoltage lockout
(UVLO) mode with a hysteresis current (2.5µA typical)
pulled into the EN/UVLO pin. When the INTVCC pin is
charged above its rising UVLO threshold (3.78V typi-
cal), the EN/UVLO pin passes its rising enable threshold
(1.233V typical), and the junction temperature is less than
its thermal shutdown (165°C typical), the LT8393 enters
enable mode, in which the EN/UVLO hysteresis current is
turned off and the voltage reference VREF is being charged
up from ground. From the time entering enable mode to
the time VREF passes its rising UVLO threshold (1.89V
typical),theLT8393goesthroughapower-on-reset(POR),
waking up the entire internal control circuitry and settling
to the right initial conditions. After the POR, the LT8393 is
ready and waiting for the signals on the CTRL and PWM
pins to start switching.
Start-Up and Fault Protection
Figure 8 shows the start-up and fault sequence for the
LT8393. During the POR state, the SS pin is hard pulled
down with a 100Ω to ground. In a pre-biased condition,
the SS pin has to be pulled below 0.2V to enter the INIT
state, where the LT8393 wait 10µs so that the SS pin can
be fully discharged to ground. After the 10µs, the LT8393
enters the UP/PRE state when the PWMON signal goes
high. The PWMON high signal happens when CTRL pin
is above its rising dim-off threshold (0.228V typical) and
the external or internal PWM dimming is on.
During the UP/PRE state, the SS pin is charged up by a
12.5µA pull-up current while the switching is disabled
and the PMWTG is turned off. Once the SS pin is charged
above 0.25V, the LT8393 enters the UP/TRY state, where
the PMWTG is turned on first while the switching is still
disabled. This is to check for an output overvoltage con-
dition for the LED string before delivering any switching
energy. In the case of a higher voltage output capacitor
connected to a lower voltage LED string, the excessive
current flowing through the LED string and current sense
resistortriggerstheISP/ISNovercurrent(ISOC)signaland
resets the LT8393 back into the POR state. The LT8393
will hiccup with SS pin between 0V and 0.25V and bypass
the POR, INIT, UP/PRE, and UP/TRY states to slowly
discharge the voltage output capacitor until its voltage
gets closer to the lower voltage LED string. After 10µs in
the UP/TRY state without triggering the ISOC signal, the
LT8393 enters the UP/RUN state.
Figure 8. Start-Up and Fault Sequence
INIT
SS < 0.2V
• SS HARD PULL DOWN
• SWITCHING DISABLED
• PWMTG TURNED OFF
• NO OPEN/SHORT DETECTION
WAIT 10µs AND
PWMON = HI
WAIT 10µs
POR = HI OR
ISOC = HI
OPEN LED OR
SHORT LED
8393 TA08
SS < 0.2V AND
PWMON = HI
SS > 0.25V
SS > 1.75V
SS < 1.7V
UP/PRE
• SS 12.5µA PULL UP
• SWITCHING DISABLED
• PWMTG TURNED OFF
• NO OPEN/SHORT DETECTION
OK/RUN
• SS 12.5µA PULL UP
• SWITCHING ENABLED
• PWMTG TURNED ON
• OPEN/SHORT DETECTION
FAULT/RUN
• SS 1.25µA PULL DOWN
• SWITCHING ENABLED
• PWMTG TURNED ON
• OPEN/SHORT DETECTION
POR
• SS HARD PULL DOWN
• SWITCHING DISABLED
• PWMTG TURNED OFF
• NO OPEN/SHORT DETECTION
UP/TRY
• SS 12.5µA PULL UP
• SWITCHING DISABLED
• PWMTG TURNED ON
• NO OPEN/SHORT DETECTION
UP/RUN
• SS 12.5µA PULL UP
• SWITCHING ENABLED
• PWMTG TURNED ON
• NO OPEN/SHORT DETECTION
DOWN/STOP
• SS 1.25µA PULL DOWN
• SWITCHING DISABLED
• PWMTG TURNED ON
• NO OPEN/SHORT DETECTION
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com