Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 8 Page - Analog Devices

Part # LT3755
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3755 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT3755 Datasheet HTML 4Page - Analog Devices LT3755 Datasheet HTML 5Page - Analog Devices LT3755 Datasheet HTML 6Page - Analog Devices LT3755 Datasheet HTML 7Page - Analog Devices LT3755 Datasheet HTML 8Page - Analog Devices LT3755 Datasheet HTML 9Page - Analog Devices LT3755 Datasheet HTML 10Page - Analog Devices LT3755 Datasheet HTML 11Page - Analog Devices LT3755 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LT8393
8
Rev. A
For more information www.analog.com
TEMPERATURE (°C)
–50
4.85
5.10
5.05
5.00
4.95
4.90
5.15
25
50
75 100 125 150
8393 G10
–25
0
IINTVCC = 80mA
IINTVCC = 0mA
VIN (V)
0
4.85
5.10
5.05
5.00
4.95
4.90
5.15
30
40
50
60
8393 G11
10
20
IINTVCC = 20mA
TEMPERATURE (°C)
–50
3.2
3.9
3.8
3.7
3.6
3.5
3.4
3.3
4.0
50
75 100 125 150
8393 G12
–25
0
25
RISING
FALLING
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveforms
(Buck Region)
Switching Waveforms
(Buck-Boost Region)
Switching Waveforms
(Boost Region)
LED Current vs VIN
VIN Shutdown Current
VIN Quiescent Current
2µs/DIV
VSW1
20V/DIV
VSW2
20V/DIV
IL
2A/DIV
8393 G04
VIN = 32V, VLED = 16V, ILED = 2A
2µs/DIV
VSW1
20V/DIV
VSW2
20V/DIV
IL
2A/DIV
8393 G05
VIN = 16V, VLED = 16V, ILED = 2A
2µs/DIV
VSW1
20V/DIV
VSW2
20V/DIV
IL
2A/DIV
8393 G06
VIN = 8V, VLED = 16V, ILED = 2A
INPUT VOLTAGE (V)
0
1.80
2.15
2.10
2.05
2.00
1.95
1.90
1.85
2.20
30
40
50
60
8393 G07
10
20
TEMPERATURE (°C)
–50
0.0
2.5
2.0
1.5
1.0
0.5
3.0
25
50
75 100 125 150
8393 G08
–25
0
VIN = 60V
VIN = 12V
VIN = 4V
TEMPERATURE (°C)
–50
0.0
2.5
2.0
1.5
1.0
0.5
3.0
25
50
75 100 125 150
8393 G09
–25
0
VIN = 60V
VIN = 12V
VIN = 4V
TA = 25°C, unless otherwise noted.
INTVCC Voltage vs Temperature
INTVCC Voltage vs VIN
INTVCC UVLO Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com