Electronic Components Datasheet Search
  English  ▼

X  

PCI1520PDVG4 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520PDVG4
Description  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 47Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 48Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 49Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 50Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 51Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 52Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 53Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 54Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 140 page
background image
3−16
Table 3−9. Interrupt Mask and Flag Registers
CARD TYPE
EVENT
MASK
FLAG
16-bit memory
Battery conditions (BVD1, BVD2)
ExCA offset 05h/45h/805h bits 1 and 0
ExCA offset 04h/44h/804h bits 1 and 0
16-bit memory
Wait states (READY)
ExCA offset 05h/45h/805h bit 2
ExCA offset 04h/44h/804h bit 2
16-bit I/O
Change in card status (STSCHG)
ExCA offset 05h/45h/805h bit 0
ExCA offset 04h/44h/804h bit 0
16-bit I/O
Interrupt request (IREQ)
Always enabled
PCI configuration offset 91h bit 0
All 16-bit PC
Cards
Power cycle complete
ExCA offset 05h/45h/805h bit 3
ExCA offset 04h/44h/804h bit 3
Change in card status (CSTSCHG)
Socket mask bit 0
Socket event bit 0
CardBus
Interrupt request (CINT)
Always enabled
PCI configuration offset 91h bit 0
CardBus
Power cycle complete
Socket mask bit 3
Socket event bit 3
Card insertion or removal
Socket mask bits 2 and 1
Socket event bits 2 and 1
Functional interrupt events are valid only for 16-bit I/O and CardBus cards; that is, the functional interrupts are not
valid for 16-bit memory cards. Furthermore, card insertion and removal-type CSC interrupts are independent of the
card type.
Table 3−10. PC Card Interrupt Events and Description
CARD TYPE
EVENT
TYPE
SIGNAL
DESCRIPTION
Battery conditions
CSC
BVD1(STSCHG)//CSTSCHG
A transition on BVD1 indicates a change in the
PC Card battery conditions.
16-bit
memory
Battery conditions
(BVD1, BVD2)
CSC
BVD2(SPKR)//CAUDIO
A transition on BVD2 indicates a change in the
PC Card battery conditions.
memory
Wait states
(READY)
CSC
READY(IREQ)//CINT
A transition on READY indicates a change in the
ability of the memory PC Card to accept or provide
data.
16-bit I/O
Change in card
status (STSCHG)
CSC
BVD1(STSCHG)//CSTSCHG
The assertion of STSCHG indicates a status change
on the PC Card.
16-bit I/O
Interrupt request
(IREQ)
Functional
READY(IREQ)//CINT
The assertion of IREQ indicates an interrupt request
from the PC Card.
CardBus
Change in card
status (CSTSCHG)
CSC
BVD1(STSCHG)//CSTSCHG
The assertion of CSTSCHG indicates a status
change on the PC Card.
CardBus
Interrupt request
(CINT)
Functional
READY(IREQ)//CINT
The assertion of CINT indicates an interrupt request
from the PC Card.
All PC Cards
Card insertion
or removal
CSC
CD1//CCD1,
CD2//CCD2
A transition on either CD1//CCD1 or CD2//CCD2
indicates an insertion or removal of a 16-bit or
CardBus PC Card.
All PC Cards
Power cycle
complete
CSC
N/A
An interrupt is generated when a PC Card power-up
cycle has completed.
The naming convention for PC Card signals describes the function for 16-bit memory, I/O cards, and CardBus. For
example, READY(IREQ)//CINT includes READY for 16-bit memory cards, IREQ for 16-bit I/O cards, and CINT for
CardBus cards. The 16-bit memory card signal name is first, with the I/O card signal name second, enclosed in
parentheses. The CardBus signal name follows after a double slash (//).
The 1997 PC Card Standard describes the power-up sequence that must be followed by the PCI1520 when an
insertion event occurs and the host requests that the socket VCC and VPP be powered. Upon completion of this
power-up sequence, the PCI1520 interrupt scheme can be used to notify the host system (see Table 3−10), denoted
by the power cycle complete event. This interrupt source is considered a PCI1520 internal event, because it depends
on the completion of applying power to the socket rather than on a signal change at the PC Card interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com