Electronic Components Datasheet Search
  English  ▼

X  

PCI1520PDVG4 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520PDVG4
Description  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 Datasheet(HTML) 52 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 48Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 49Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 50Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 51Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 52Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 53Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 54Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 55Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 140 page
background image
3−17
3.7.2
Interrupt Masks and Flags
Host software may individually mask (or disable) most of the potential interrupt sources listed in Table 3−10 by setting
the appropriate bits in the PCI1520. By individually masking the interrupt sources listed, software can control those
events that cause a PCI1520 interrupt. Host software has some control over the system interrupt the PCI1520 asserts
by programming the appropriate routing registers. The PCI1520 allows host software to route PC Card CSC and PC
Card functional interrupts to separate system interrupts. Interrupt routing somewhat specific to the interrupt signaling
method used is discussed in more detail in the following sections.
When an interrupt is signaled by the PCI1520, the interrupt service routine must determine which of the events listed
in Table 3−9 caused the interrupt. Internal registers in the PCI1520 provide flags that report the source of an interrupt.
By reading these status bits, the interrupt service routine can determine the action to be taken.
Table 3−9 details the registers and bits associated with masking and reporting potential interrupts. All interrupts can
be masked except the functional PC Card interrupts, and an interrupt status flag is available for all types of interrupts.
Notice that there is not a mask bit to stop the PCI1520 from passing PC Card functional interrupts through to the
appropriate interrupt scheme. These interrupts are not valid until the card is properly powered, and there should never
be a card interrupt that does not require service after proper initialization.
Table 3−9 lists the various methods of clearing the interrupt flag bits. The flag bits in the ExCA registers (16-bit PC
Card-related interrupt flags) can be cleared using two different methods. One method is an explicit write of 1 to the
flag bit to clear and the other is by reading the flag bit register. The selection of flag bit clearing methods is made by
bit 2 (IFCMODE) in the ExCA global control register (ExCA offset 1Eh/5Eh/81Eh, see Section 5.20), and defaults to
the flag-cleared-on-read method.
The CardBus-related interrupt flags can be cleared by an explicit write of 1 to the interrupt flag in the socket event
register (see Section 6.1). Although some of the functionality is shared between the CardBus registers and the ExCA
registers, software should not program the chip through both register sets when a CardBus card is functioning.
3.7.3
Using Parallel IRQ Interrupts
The seven multifunction terminals, MFUNC6−MFUNC0, implemented in the PCI1520 can be routed to obtain a
subset of the ISA IRQs. The IRQ choices provide ultimate flexibility in PC Card host interruptions. To use the parallel
ISA-type IRQ interrupt signaling, software must program the device control register (PCI offset 92h, see
Section 4.33), to select the parallel IRQ signaling scheme. See Section 4.30, Multifunction Routing Register, for
details on configuring the multifunction terminals.
A system using parallel IRQs requires (at a minimum) one PCI terminal, INTA, to signal CSC events. This requirement
is dictated by certain card and socket-services software. The INTA requirement calls for routing the MFUNC0 terminal
for INTA signaling. The INTRTIE bit is used, in this case, to route socket B interrupt events to INTA. This leaves (at
a maximum) six different IRQs to support legacy 16-bit PC Card functions.
As an example, suppose the six IRQs used by legacy PC Card applications are IRQ3, IRQ4, IRQ5, IRQ10, IRQ11,
and IRQ15. The multifunction routing register must be programmed to a value of 0FBA 5432h. This value routes the
MFUNC0 terminal to INTA signaling and routes the remaining terminals as illustrated in Figure 3−14. Not shown is
that INTA must also be routed to the programmable interrupt controller (PIC), or to some circuitry that provides parallel
PCI interrupts to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com