Electronic Components Datasheet Search
  English  ▼

X  

PCI1520PDVG4 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520PDVG4
Description  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 21Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 22Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 23Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 24Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 25Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 26Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 27Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 28Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 140 page
background image
2−12
Table 2−7. PCI System Terminals
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
GRST
177
C11
I
Global reset. When the global reset is asserted, the GRST signal causes the PCI1520 to place all output
buffers in a high-impedance state and reset all internal registers. When GRST is asserted, the device is
completely in its default state. For systems that require wake-up from D3, GRST normally is asserted only
during initial boot. PRST should be asserted following initial boot so that PME context is retained during the
transition from D3 to D0. For systems that do not require wake-up from D3, GRST should be tied to PRST.
When the SUSPEND mode is enabled, the device is protected from GRST, and the internal registers are
preserved. All outputs are placed in a high-impedance state.
PCLK
182
C10
I
PCI bus clock. PCLK provides timing for all transactions on the PCI bus. All PCI signals are sampled at the
rising edge of PCLK.
PRST
168
C13
I
PCI reset. When the PCI bus reset is asserted, PRST causes the PCI1520 to place all output buffers in a
high-impedance state and reset internal registers. When PRST is asserted, the device can generate the PME
signal only if it is enabled. After PRST is deasserted, the PCI1520 is in a default state.
When the SUSPEND mode is enabled, the device is protected from PRST, and the internal registers are
preserved. All outputs are placed in a high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com