Electronic Components Datasheet Search
  English  ▼

X  

PCI1520PDVG4 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520PDVG4
Description  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 17Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 18Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 19Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 20Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 21Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 22Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 23Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 24Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
2−8
Table 2−3. CardBus PC Card Signal Names Sorted Alphabetically (Continued)
SIGNAL NAME
TERM NO.
SIGNAL NAME
TERM NO.
SIGNAL NAME
TERM NO.
SIGNAL NAME
PDV
GHK
SIGNAL NAME
PDV
GHK
SIGNAL NAME
PDV
GHK
B_CC/BE0
27
K05
C/BE2
193
F08
NC
—
E05
B_CC/BE1
37
M06
C/BE3
164
B14
NC†
81
W11
B_CC/BE2
52
T01
CLOCK
154
F15
PAR
203
A05
B_CC/BE3
64
U07
DATA
155
E17
PCLK
182
C10
B_CCD1
15
H05
DEVSEL
198
F07
PERR
201
E07
B_CCD2
75
P09
FRAME
194
E08
PRST
168
C13
B_CCLK
48
P06
GND
6
A06
REQ
170
A13
B_CCLKRUN
74
R09
GND
24
A09
RI_OUT/PME
165
E13
B_CDEVSEL
46
P03
GND
43
A14
SERR
202
C06
B_CFRAME
51
R03
GND
62
E01
SPKROUT
152
F14
B_CGNT
45
N05
GND
95
K01
STOP
200
B06
B_CINT
69
V08
GND
110
P01
SUSPEND
158
C15
B_CIRDY
50
P05
GND
147
R19
TRDY
197
C07
B_CPAR
40
N02
GND
166
W06
VCC
14
A07
B_CPERR
42
N06
GND
185
F19
VCC
39
A12
B_CREQ
61
R07
GND
199
W14
VCC
70
G01
B_CRST
58
W05
GNT
169
B13
VCC
91
G19
B_CSERR
71
W09
GRST
177
C11
VCC
118
J19
B_CSTOP
44
P02
IDSEL
183
E10
VCC
133
N01
B_CSTSCHG
73
U09
IRDY
196
B07
VCC
143
N19
B_CTRDY
49
R02
LATCH
153
E18
VCC
174
W08
B_CVS1
68
U08
MFUNC0
156
D19
VCC
195
W13
B_CVS2
56
P07
MFUNC1
157
A16
VCCA
114
P19
B_RSVD
23
J06
MFUNC2
159
E14
VCCB
47
R01
B_RSVD
38
M05
MFUNC3/IRQSER
160
F13
VCCP
180
A10
B_RSVD
80
P10
MFUNC4
161
B15
VR_EN
29
L01
C/BE0
4
G06
MFUNC5
162
A15
VR_PORT
128
K19
C/BE1
204
F06
MFUNC6/CLKRUN
163
C14
† Terminals 81 and W11 are NC on the PCI1520 to allow for terminal compatibility with the next generation of devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com