Electronic Components Datasheet Search
  English  ▼

X  

VSC8150 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC8150
Description  2.488Gb/s SONET/SDH Overhead Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8150 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC8150 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8150
2.488Gb/s SONET/SDH
Overhead Monitor
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
10/12/98
G52186-0, Rev. 3.0
Figure 7: Functional Framing Timing Diagram (STS-48/STM-16 Mode)
Figure 8: Functional Overhead Readout Timing
J0
J0
J0
J0
90
91
92
93
94
95
96
97
98
99
9A
9B
9C
9D
9E
9F
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
AA
AB
AC
AD AE
AF
RXPCLKIN
RXPIN[7:0]
RXFPOUT
RXFRERR
b7
b6
b5
b4
b3
b2
b1
b0
RXSCLKIN
RXSIN
B0
RXSEF
Z2
E2
A1
A2
J0
B1
E1
F1
SOHOUT[7:0]
SOHCLK
RXFPOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com