Electronic Components Datasheet Search
  English  ▼

X  

VSC8150 Datasheet(PDF) 16 Page - Vitesse Semiconductor Corporation

Part # VSC8150
Description  2.488Gb/s SONET/SDH Overhead Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8150 Datasheet(HTML) 16 Page - Vitesse Semiconductor Corporation

Back Button VSC8150 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 20Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8150
2.488Gb/s SONET/SDH
Overhead Monitor
Page 16
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
10/12/98
G52186-0, Rev. 3.0
VCC
38
PWR
+3.3V
VCC
39
PWR
+3.3V
TEST
40
I
GND
Test Input
TEST
41
I
GND
Test Input
VMM
42
PWR
+2.0V
RESET
43
I
TTL
Active High (Tie to GND)
DISDSCRM
44
I
TTL
Descrambler Disable
VEE
45
PWR
GND
TEST
46
I
GND
Test Input
TEST
47
I
GND
Test Input
VCC
48
PWR
+3.3V
VCC
49
PWR
+3.3V
NC
50
−−
Leave Unconnected
TEST
51
I
GND
Test Input
VCC
52
PWR
+3.3V
VMM
53
PWR
+2.0V
VCC
54
PWR
+3.3V
VCC
55
PWR
+3.3V
NC
56
—
NC
Test Output
NC
57
—
NC
Test Output
VEE
58
PWR
GND
SOHOUT0
59
O
TTL
Overhead Output Bus
SOHOUT1
60
O
TTL
Overhead Output Bus
VEE
61
PWR
GND
VCC
62
PWR
+3.3V
SOHOUT2
63
O
TTL
Overhead Output Bus
SOHCLK
64
O
TTL
Overhead Output Clock
VEE
65
PWR
GND
VCC
66
PWR
+3.3V
SOHOUT3
67
O
TTL
Overhead Output Bus
SOHOUT4
68
O
TTL
Overhead Output Bus
VEE
69
PWR
GND
SOHOUT5
70
O
TTL
Overhead Output Bus
SOHOUT6
71
O
TTL
Overhead Output Bus
VEE
72
PWR
GND
VCC
73
PWR
+3.3V
VMM
74
PWR
+2.0V
VCC
75
PWR
+3.3V
Table 14: Pin Definitions
Signal
Pin
I/O
Level
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com