Electronic Components Datasheet Search
  English  ▼

X  

VSC8150 Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC8150
Description  2.488Gb/s SONET/SDH Overhead Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8150 Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC8150 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 11
10/12/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8150
2.488Gb/s SONET/SDH
Overhead Monitor
G52186-0, Rev. 3.0
Table 8: Framing and B1 Error Output Timing (STS-3/STM-1 Mode)
Note: Generated Waveforms are synchronous and assume a 155MHz RXSCLKIN signal.
Figure 11: Serial Data Input Timing Diagram
Table 9: Serial Data Input Timing
Parameter
Description
Min
Typ
Max
Units
TFPW
Frame Pulse Width
—
51.4
—
ns
TFERRSU
Frame Boundary Error delay with respect to RXFPOUT
—
0
—
ns
TFERRPW
Frame Boundary Error pulse width high
—
51.4
—
ns
TSEFSU
SEF transition delay time with respect to RXFPOUT
—
103
—
ns
TB1SU
B1 Pulse train delay with respect to RXFPOUT
—
13.96
—
µs
TB1PWH
B1 error pulse width high
—
409
—
ns
TB1PWL
B1 error pulse width low
—
409
—
ns
Parameter
Description
Min
Typ
Max
Units
TRXSCLKIN
Serial Receive clock period
401.9
-
-
ps
TRXSSU
Serial Receive input data RXSIN setup time with respect
to falling edge of RXSCLKIN+
100
-
-
ps
TRXSH
Serial Receive input data RXSIN hold time with respect
to falling edge of RXSCLKIN+
75
-
-
ps
TRXSLBOUT
Propagation delay from falling edge of RXSCLKIN+
430
-
820
ps
TRXSSU TRXSH
TRXSCLKIN
RXSCLKIN-
RXSCLKIN+
RXSIN+
RXSIN-
TRXSLBOUT
RXSLBOUT+
RXSLBOUT-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com