Electronic Components Datasheet Search
  English  ▼

X  

VSC8150 Datasheet(PDF) 18 Page - Vitesse Semiconductor Corporation

Part # VSC8150
Description  2.488Gb/s SONET/SDH Overhead Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8150 Datasheet(HTML) 18 Page - Vitesse Semiconductor Corporation

Back Button VSC8150 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 20Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8150
2.488Gb/s SONET/SDH
Overhead Monitor
Page 18
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
10/12/98
G52186-0, Rev. 3.0
Package Information
NOTES:
(1) Drawings not to scale.
(2) All units in millimeters unless otherwise noted
100 PQFP Package Drawings
Package #: 101-318-3
Issue #: 1
R
R1
A
A1
b
L
0.25
0.17 MAX
θ
6
° ± 4°
10 o TYP
10 o TYP
A2
e
A
E
E1
D
D1
HEATSINK INTRUSION
.0127 MAX
EXPOSED HEATSINK
6.86
±.50 DIA.
Key
mm
Tolerance
A
2.35
MAX
A1
0.25
MAX
A2
2.00
+.10/-.05
D
17.20
±.25
D1
14.00
±.10
E
17.20
±.25
E1
14.00
±.10
L
.88
+.15/-.10
e
.50
BASIC
b
.22
±.05
θ
0
°-7°
R
.30
TYP
R1
.20
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com