Electronic Components Datasheet Search
  English  ▼

X  

VSC8150 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC8150
Description  2.488Gb/s SONET/SDH Overhead Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8150 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC8150 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 16Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8150
2.488Gb/s SONET/SDH
Overhead Monitor
Page 12
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
10/12/98
G52186-0, Rev. 3.0
DC Characteristics
Table 10: High-Speed Differential ECL Inputs and Outputs (HSECL)
Note: HSECL inputs are NOT terminated on chip (high impedance inputs).
Table 11: TTL Inputs and Outputs
Table 12: Power Supply Currents (VMM = VCC = +3.3V, Outputs Open)
Table 13: Power Supply Currents (VMM = +2.0V, VCC = +3.3V, Outputs Open)
Parameter
Description
Min
Typ
Max
Units
Conditions
V
OD
Output differential voltage
(Peak to Peak, Single-ended)
550
-
1200
mV
Load = 100 Ohms
across RXSLBOUT+/–
at receiver
V
OCM
Output common-mode
voltage
2100
-
3000
mV
Load = 100 Ohms
across RXSLBOUT+/–
at receiver
Trf
Output Rise / Fall
-
100
-
ps
—
R
O
Output Impedance
40
-
60
ohms
—
V
ID
Input differential voltage
200
-
mV
AC Coupled, internally
biased to VCC/2
Parameter
Description
Min
Typ
Max
Units
Conditions
V
OH
Output HIGH voltage
2.4
-
-
V
IOH = -8mA
V
OL
Output LOW voltage
0
-
0.4
V
IOL = 8mA
V
IH
Input HIGH voltage
2.0
-
VCC +
1.0V
V—
V
IL
Input LOW voltage
0
-
0.8
V
—
IIH
Input HIGH current
-
-
500
uA
VIN = 2.4V
IIL
Input LOW current
-50
-
-
uA
VIN = 0.4V
Parameter
Description
(Max)
Units
ITTL
Power supply current from VCC
850
mA
PD
Power dissipation
2.95
W
Parameter
Description
(Max)
Units
ITTL
Power supply current from VCC
420
mA
IMM
Power supply current from VMM
430
mA
PD
Power dissipation
2.35
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com