Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 23 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 23 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 19Page - Microchip Technology ATMEGA640 Datasheet HTML 20Page - Microchip Technology ATMEGA640 Datasheet HTML 21Page - Microchip Technology ATMEGA640 Datasheet HTML 22Page - Microchip Technology ATMEGA640 Datasheet HTML 23Page - Microchip Technology ATMEGA640 Datasheet HTML 24Page - Microchip Technology ATMEGA640 Datasheet HTML 25Page - Microchip Technology ATMEGA640 Datasheet HTML 26Page - Microchip Technology ATMEGA640 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 436 page
background image
23
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
8.3.1
EEPROM Read/Write Access
The EEPROM Access Registers are accessible in the I/O space, see “Register Description” on page 34.
The write access time for the EEPROM is given in Table 8-1. A self-timing function, however, lets the user software
detect when the next byte can be written. If the user code contains instructions that write the EEPROM, some pre-
cautions must be taken. In heavily filtered power supplies, VCC is likely to rise or fall slowly on power-up/down. This
causes the device for some period of time to run at a voltage lower than specified as minimum for the clock fre-
quency used. See “Preventing EEPROM Corruption” on page 25. for details on how to avoid problems in these
situations.
In order to prevent unintentional EEPROM writes, a specific write procedure must be followed. See the description
of the EEPROM Control Register for details on this; “Register Description” on page 34.
When the EEPROM is read, the CPU is halted for four clock cycles before the next instruction is executed. When
the EEPROM is written, the CPU is halted for two clock cycles before the next instruction is executed.
The calibrated Oscillator is used to time the EEPROM accesses. Table 8-1 lists the typical programming time for
EEPROM access from the CPU.
The following code examples show one assembly and one C function for writing to the EEPROM. The examples
assume that interrupts are controlled (for example by disabling interrupts globally) so that no interrupts will occur
during execution of these functions. The examples also assume that no Flash Boot Loader is present in the soft-
ware. If such code is present, the EEPROM write function must also wait for any ongoing SPM command to finish.
Table 8-1.
EEPROM Programming Time
Symbol
Number of Calibrated RC Oscillator Cycles
Typ Programming Time
EEPROM write (from CPU)
26,368
3.3ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com