Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 298 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 298 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 294Page - Microchip Technology ATMEGA640 Datasheet HTML 295Page - Microchip Technology ATMEGA640 Datasheet HTML 296Page - Microchip Technology ATMEGA640 Datasheet HTML 297Page - Microchip Technology ATMEGA640 Datasheet HTML 298Page - Microchip Technology ATMEGA640 Datasheet HTML 299Page - Microchip Technology ATMEGA640 Datasheet HTML 300Page - Microchip Technology ATMEGA640 Datasheet HTML 301Page - Microchip Technology ATMEGA640 Datasheet HTML 302Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 436 page
background image
298
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
28.4.3
SAMPLE_PRELOAD; 0x2
Mandatory JTAG instruction for pre-loading the output latches and taking a snap-shot of the input/output pins with-
out affecting the system operation. However, the output latches are not connected to the pins. The Boundary-scan
Chain is selected as Data Register.
The active states are:
•
Capture-DR: Data on the external pins are sampled into the Boundary-scan Chain
•
Shift-DR: The Boundary-scan Chain is shifted by the TCK input
•
Update-DR: Data from the Boundary-scan chain is applied to the output latches. However, the output latches
are not connected to the pins
28.4.4
AVR_RESET; 0xC
The AVR specific public JTAG instruction for forcing the AVR device into the Reset mode or releasing the JTAG
reset source. The TAP controller is not reset by this instruction. The one bit Reset Register is selected as Data
Register. Note that the reset will be active as long as there is a logic “one” in the Reset Chain. The output from this
chain is not latched.
The active states are:
•
Shift-DR: The Reset Register is shifted by the TCK input
28.4.5
BYPASS; 0xF
Mandatory JTAG instruction selecting the Bypass Register for Data Register.
The active states are:
•
Capture-DR: Loads a logic “0” into the Bypass Register
•
Shift-DR: The Bypass Register cell between TDI and TDO is shifted
28.5 Boundary-scan Chain
The Boundary-scan chain has the capability of driving and observing the logic levels on the digital I/O pins, as well
as the boundary between digital and analog logic for analog circuitry having off-chip connection.
28.5.1
Scanning the Digital Port Pins
Figure 28-3 on page 299 shows the Boundary-scan Cell for a bi-directional port pin. The pull-up function is disabled
during Boundary-scan when the JTAG IC contains EXTEST or SAMPLE_PRELOAD. The cell consists of a bi-
directional pin cell that combines the three signals Output Control - OCxn, Output Data - ODxn, and Input Data -
IDxn, into only a two-stage Shift Register. The port and pin indexes are not used in the following description.
The Boundary-scan logic is not included in the figures in the datasheet. Figure 28-4 on page 300 shows a simple
digital port pin as described in the section “I/O-Ports” on page 67. The Boundary-scan details from Figure 28-3 on
page 299 replaces the dashed box in Figure 28-4 on page 300.
When no alternate port function is present, the Input Data - ID - corresponds to the PINxn Register value (but ID
has no synchronizer), Output Data corresponds to the PORT Register, Output Control corresponds to the Data
Direction - DD Register, and the Pull-up Enable - PUExn - corresponds to logic expression PUD · DDxn · PORTxn.
Digital alternate port functions are connected outside the dotted box in Figure 28-4 on page 300 to make the scan
chain read the actual pin value. For analog function, there is a direct connection from the external pin to the analog
circuit. There is no scan chain on the interface between the digital and the analog circuitry, but some digital control
signal to analog circuitry are turned off to avoid driving contention on the pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com