Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 160 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 160 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 156Page - Microchip Technology ATMEGA640 Datasheet HTML 157Page - Microchip Technology ATMEGA640 Datasheet HTML 158Page - Microchip Technology ATMEGA640 Datasheet HTML 159Page - Microchip Technology ATMEGA640 Datasheet HTML 160Page - Microchip Technology ATMEGA640 Datasheet HTML 161Page - Microchip Technology ATMEGA640 Datasheet HTML 162Page - Microchip Technology ATMEGA640 Datasheet HTML 163Page - Microchip Technology ATMEGA640 Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 436 page
background image
160
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
17.11.24 OCR4BH and OCR4BL – Output Compare Register 4 B
17.11.25 OCR4CH and OCR4CL –Output Compare Register 4 C
17.11.26 OCR5AH and OCR5AL – Output Compare Register 5 A
17.11.27 OCR5BH and OCR5BL – Output Compare Register 5 B
17.11.28 OCR5CH and OCR5CL –Output Compare Register 5 C
The Output Compare Registers contain a 16-bit value that is continuously compared with the counter value
(TCNTn). A match can be used to generate an Output Compare interrupt, or to generate a waveform output on the
OCnx pin.
The Output Compare Registers are 16-bit in size. To ensure that both the high and low bytes are written simultane-
ously when the CPU writes to these registers, the access is performed using an 8-bit temporary High Byte Register
(TEMP). This temporary register is shared by all the other 16-bit registers. See “Accessing 16-bit Registers” on
page 135.
17.11.29 ICR1H and ICR1L – Input Capture Register 1
(0xA8)
OCR4A[7:0]
OCR4AL
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0xAA)
OCR4B[15:8]
OCR4BH
(0xAB)
OCR4B[7:0]
OCR4BL
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0xAD)
OCR4C[15:8]
OCR4CH
(0xAC)
OCR4C[7:0]
OCR4CL
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x129)
OCR5A[15:8]
OCR5AH
(0x128)
OCR5A[7:0]
OCR5AL
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x12B)
OCR5B[15:8]
OCR5BH
(0x12A)
OCR5B[7:0]
OCR5BL
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x12D)
OCR5C[15:8]
OCR5CH
(0x12C)
OCR5C[7:0]
OCR5CL
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x87)
ICR1[15:8]
ICR1H
(0x86)
ICR1[7:0]
ICR1L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com