Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM8056
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 4 Page - Analog Devices

  LTM8056 Datasheet HTML 1Page - Analog Devices LTM8056 Datasheet HTML 2Page - Analog Devices LTM8056 Datasheet HTML 3Page - Analog Devices LTM8056 Datasheet HTML 4Page - Analog Devices LTM8056 Datasheet HTML 5Page - Analog Devices LTM8056 Datasheet HTML 6Page - Analog Devices LTM8056 Datasheet HTML 7Page - Analog Devices LTM8056 Datasheet HTML 8Page - Analog Devices LTM8056 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
LTC7872
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VHIGH
VHIGH Supply Voltage Range
6
100
V
VLOW
VLOW Supply Voltage Range
VHIGH > 6V
1.2
60
V
VLOW Regulated Feedback Voltage
(Note 4); ITHLOW Voltage = 1.5V
l
1.188
1.200
1.212
V
VHIGH Regulated Feedback Voltage
(Note 4); ITHHIGH Voltage = 0.5V
l
1.188
1.200
1.212
V
VLOW EA Feedback Current
(Note 4)
–10
–40
nA
VHIGH EA Feedback Current
(Note 4)
–10
–40
nA
Reference Voltage Line Regulation
(Note 4); VHIGH = 7V to 80V
0.02
0.2
%
VHIGH/VLOW Voltage Load Regulation Measured in Servo Loop, ∆ITH Voltage = 1.0V to 1.5V
Measured in Servo Loop, ∆ITH Voltage = 1.0V to 0.5V
0.01
–0.01
0.2
–0.2
%
%
gm–buck
Buck Mode Transconductance
Amplifier gm–buck
(Note 4) ITHLOW = 1.5V, Sink/Source 5µA
2
mmho
gm–boost
Boost Mode Transconductance
Amplifier gm–boost
(Note 4) ITHHIGH = 0.5V, Sink/Source 5µA
1
mmho
IQ
VHIGH DC Supply Current
Shutdown Mode, VHIGH Supply Current
Shutdown Mode, VLOW Supply Current
(Note 5)
VRUN = 0V; VHIGH = 48V
VRUN = 0V; VLOW = 12V
9
30
20
15
mA
µA
µA
UVLO
DRVCC Undervoltage Lockout
Threshold
DRVCC Ramping Down, VDRVSET = VV5
DRVCC Ramping Down, VDRVSET = Float
DRVCC Ramping Down, VDRVSET = 0V
6.9
4.8
3.9
7.2
5.0
4.1
7.5
5.2
4.3
V
V
V
DRVCC Undervoltage Hysteresis
VDRVSET = Float, VV5
VDRVSET = 0V
0.8
0.5
V
V
V5 Undervoltage Lockout Threshold
V5 Ramping Down, VDRVSET = Float, VV5
V5 Ramping Down, VDRVSET = 0V
4.2
3.9
4.4
4.1
4.6
4.3
V
V
V5 Undervoltage Hysteresis
VDRVSET = Float, VV5
VDRVSET = 0V
0.2
0.5
V
V
RUN Pin On Threshold
VRUN Rising
1.1
1.22
1.35
V
RUN Pin On Hysteresis
80
mV
RUN Pin Source Current
VRUN < 1.1V
l
0.6
2
µA
RUN Pin Hysteresis Current
VRUN > 1.3V
l
2
6
µA
ISS
Soft-Start Charging Current
VSS = 1.2V
0.8
1.0
1.2
µA
BUCK Pin Input Threshold
VBUCK Rising
VBUCK Falling
2.2
1.7
V
V
BUCK Pin Pull-Up Resistance
BUCK Pin to V5
200
kΩ
Maximum Duty Cycle
Buck Mode
Boost Mode
96
98
92
%
%
Current Monitoring and Regulation Functions
ISNSA+
SNSA+ Pins Input Current
±0.05
±1
µA
ISNSD+
SNSD+ Pins Input Current
±0.05
±1
µA
ISNS–
SNS– Pins Input Current
1
mA
ILIM Pin Input Resistance
100
kΩ
ISETCUR
SETCUR Pin Sourcing Current
MFR_IDAC_SETCUR = 0x00
l
15.0
16.0
17.0
µA
IMON Error at Max Current
VILIM = Float, RSENSE = 3mΩ
±10
%
IMON Zero Current Voltage
1.240
1.250
1.260
V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VHIGH = 48V, VRUN = 5V unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com