Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM8056
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 23Page - Analog Devices LTM8056 Datasheet HTML 24Page - Analog Devices LTM8056 Datasheet HTML 25Page - Analog Devices LTM8056 Datasheet HTML 26Page - Analog Devices LTM8056 Datasheet HTML 27Page - Analog Devices LTM8056 Datasheet HTML 28Page - Analog Devices LTM8056 Datasheet HTML 29Page - Analog Devices LTM8056 Datasheet HTML 30Page - Analog Devices LTM8056 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
LTC7872
27
Rev. 0
For more information www.analog.com
of 4.7μF ceramic capacitor or low ESR electrolytic capaci-
tor. No matter what type of bulk capacitor is used, an addi-
tional 0.1μF ceramic capacitor placed directly adjacent to
the V5 and SGND pins is highly recommended.
Fault Conditions: Current Limit and Current Foldback
In buck mode, the LTC7872 includes current foldback to
help limit power dissipation when the VLOW is shorted to
ground. If the VLOW falls below 33% of its nominal output
level, then the maximum sense voltage is progressively
lowered from its maximum programmed value to one-third
of the maximum value. Foldback current limiting is disabled
during soft-start. Under short-circuit conditions with very
low duty cycles, the LTC7872 will begin cycle skipping in
order to limit the short-circuit current. In this situation the
bottom MOSFET will be dissipating most of the power but
less than in normal operation. The short circuit ripple cur-
rent is determined by the minimum on-time tON(MIN) of the
LTC7872, the VHIGH voltage and inductor value:
∆IL SC
( ) = tON MIN
(
) •
VHIGH
L
The resulting short circuit current is:
ISC =
1
3 VSENSE MAX
(
)
RSENSE
–
1
2
∆IL SC
( )
⎛
⎝⎜
⎞
⎠⎟
After a short, make sure that the load current takes the
folded back current limit into account.
Phase-Locked Loop and Frequency Synchronization
The LTC7872 has a phase-locked loop (PLL) comprised
of an internal voltage-controlled oscillator (VCO) and a
phase detector. This allows the turn-on of the top MOSFET
to be locked to the rising edge of an external clock signal
applied to the SYNC pin. The phase detector is an edge
sensitive digital type that provides zero degrees phase
shift between the external and internal oscillators. This
type of phase detector does not exhibit false lock to har-
monics of the external clock.
The output of the phase detector is a pair of comple-
mentary current sources that charge or discharge the
internal filter network. There is a precision 20μA current
External Soft-Start
The LTC7872 has the ability to soft-start by itself using
the internal soft-start or at a slower rate with an external
capacitor on the SS pin. The controller is in the shutdown
state if its RUN pin voltage is below 1.14V and its SS pin
is actively pulled to ground in this shutdown state. If the
RUN pin voltage is above 1.22V, the controller powers
up. Once V5 and DRVCC pass the UVLO thresholds and
power on reset delay expires, a soft-start current of 1μA
then starts to charge the SS soft-start capacitor. Note that
soft-start is achieved not by limiting the maximum VLOW
output current of the controller but by controlling the out-
put ramp voltage according to the ramp rate on the SS
pin. Current foldback is disabled during this phase. The
soft-start range is defined to be the voltage range from
0V to 1.2V on the SS pin. The total soft-start time can be
calculated as:
tSOFTSTART = 1.2 •
CSS
1µA
The Internal LDOs
The LTC7872 features three internal PMOS LDOs. Two
provide power to DRVCC from either the VHIGH or VLOW
supply, and the third provides the V5 rail from DRVCC.
DRVCC powers the external top and bottom gate drive
circuits, and V5 powers the LTC7872’s internal circuitry.
There are two DRVCC LDOs—one that converts DRVCC
from VHIGH (LDO1) and another that converts DRVCC from
VLOW (LDO2), thus allowing the part to start up with just
one of the two rails present! Only one of those LDOs is
active at any given time. If VLOW is higher than the EXTVCC
switchover threshold, LDO2 is active; if it is below the swi-
tchover threshold, LDO1 is active. The DRVCC pin regula-
tion voltage is determined by the state of the DRVSET pin.
The DRVSET pin uses a 3-level logic. When DRVSET is
either grounded, floated or tied to V5, the typical value for
the DRVCC voltage will be 5V, 8V and 10V, respectively.
Please note that the DRVSET pin has an internal 160kΩ pull
down resistor to SGND and a 200kΩ pull up resistor to V5.
The V5 LDO regulates the voltage at the V5 pin to 5V when
DRVCC is at least 6V. The LDO can supply a peak current of
20mA and must be bypassed to ground with a minimum
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com