Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM8056
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 20Page - Analog Devices LTM8056 Datasheet HTML 21Page - Analog Devices LTM8056 Datasheet HTML 22Page - Analog Devices LTM8056 Datasheet HTML 23Page - Analog Devices LTM8056 Datasheet HTML 24Page - Analog Devices LTM8056 Datasheet HTML 25Page - Analog Devices LTM8056 Datasheet HTML 26Page - Analog Devices LTM8056 Datasheet HTML 27Page - Analog Devices LTM8056 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
LTC7872
24
Rev. 0
For more information www.analog.com
An optional Schottky diode across the bottom MOSFET
conducts during the dead time between the conduction
of the two large power MOSFETs in buck mode. This pre-
vents the body diode of the bottom MOSFET from turning
on, storing charge during the dead time and requiring
a reverse-recovery period which could cost as much as
several percent in efficiency. A 2A to 8A Schottky is gen-
erally a good compromise for both regions of operation
due to the relatively small average current. Larger diodes
result in additional transition loss due to their larger
junction capacitance.
CHIGH and MOSFETs Selection (on VHIGH and VLOW)
In continuous mode, the source current of the top
MOSFET is a square wave of duty cycle (VLOW)/(VHIGH).
To prevent large voltage transients, a low ESR capaci-
tor sized for the maximum RMS current of one channel
must be used. In the following discussion, it is assumed
that CIN is CHIGH, COUT is CLOW, VIN is VHIGH, and VOUT is
VLOW. The maximum RMS capacitor current is given by:
CIN Required IRMS ≈
IMAX
VIN
VOUT
(
) VIN–VOUT
(
)
⎡⎣
⎤⎦
1/2
This formula has a maximum at VIN  =  2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that capacitor manufacturers’
ripple current ratings are often based on only 2000 hours
of use.
This makes it advisable to further derate the capacitor, or
to choose a capacitor rated at a higher temperature than
required. Several capacitors may be paralleled to meet size
or height requirements in the design. Ceramic capacitors
can also be used for CIN. Always consult the manufacturer
if there is any question.
Ceramic capacitors are becoming very popular for small
designs but several cautions should be observed. X7R, X5R
and Y5V are examples of a few of the ceramic materials
used as the dielectric layer, and these different dielectrics
have very different effect on the capacitance value due to
the voltage and temperature conditions applied. Physically,
if the capacitance value changes due to applied voltage
change, there is a concomitant piezo effect which results
the controller is operating in continuous mode the duty
cycles for the top and bottom MOSFETs are given by:
Top SwitchDuty Cycle =
VLOW
VHIGH
Bottom SwitchDuty Cycle =
VHIGH – VLOW
VHIGH
⎛
⎝
⎜
⎞
⎠
⎟
The power dissipation for the top and bottom MOSFETs
at maximum output current are given by:
PTOP =
VLOW
VHIGH
IMAX
( )2 1+δ
( )RDS(ON)+
VHIGH
(
)2
IMAX
2
⎛
⎝⎜
⎞
⎠⎟
RDR
( ) CMILLER
(
)•
1
DRVCC – VTH(MIN)
+
1
VTH(MIN)
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
• f
PBOT =
VHIGH – VLOW
VHIGH
IMAX
( )2 1+δ
( )RDS(ON)
IMAX = Maximum Inductor Current.
where δ is the temperature dependency of RDS(ON), RDR
is the effective top driver resistance; VHIGH is the drain
potential and the change in drain potential in the particular
application. VTH(MIN) is the data sheet specified typical
gate threshold voltage specified in the power MOSFET
data sheet at the specified drain current. CMILLER is the
calculated capacitance using the gate charge curve from
the MOSFET data sheet and the technique described
above.
Both MOSFETs have I2R losses while the topside
N-channel equation includes an additional term for tran-
sition losses, which peak at the highest input voltage.
The bottom MOSFET losses are greatest at high VHIGH
voltage when the top switch duty factor is low or during
a VLOW short-circuit when the bottom switch is on close
to 100% of the period.
The term (1 + δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com