Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM8056
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 25Page - Analog Devices LTM8056 Datasheet HTML 26Page - Analog Devices LTM8056 Datasheet HTML 27Page - Analog Devices LTM8056 Datasheet HTML 28Page - Analog Devices LTM8056 Datasheet HTML 29Page - Analog Devices LTM8056 Datasheet HTML 30Page - Analog Devices LTM8056 Datasheet HTML 31Page - Analog Devices LTM8056 Datasheet HTML 32Page - Analog Devices LTM8056 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
LTC7872
29
Rev. 0
For more information www.analog.com
If the duty cycle falls below what can be accommodated by
the minimum on-time, the controller will begin to skip cycles.
The output voltage and current will continue to be regulated,
but the voltage ripple and current ripple will increase. The
minimum on-time for the LTC7872 is approximately 150ns,
with good PCB layout, minimum 30% inductor current rip-
ple and at least 2mV ripple on the current sense signal or
equivalent 10mV between SNSA+ and SNS– pins.
The minimum on-time can be affected by PCB switch-
ing noise in the voltage and current loop. As the peak
sense voltage decreases, the minimum on-time gradu-
ally increases. This is of particular concern in forced
continuous applications with low ripple current at light
loads. If the duty cycle drops below the minimum on-
time limit in this situation, a significant amount of cycle
skipping can occur with correspondingly larger current
and voltage ripple.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of
the losses in LTC7872 circuits: 1) IC VHIGH current, 2)
MOSFET driver current, 3) I2R losses, 4) top MOSFET
transition losses.
1. The VHIGH current is the DC supply current given in the
Electrical Characteristics table. VHIGH current typically
results in a small (<0.1%) loss.
2. The MOSFET driver current results from switching the
gate capacitance of the power MOSFETs. Each time
a MOSFET gate is switched from low to high to low
again, a packet of charge dQ moves from the driver
supply to ground. The resulting dQ/dt is a current
The ILIM, SETCUR, FREQ, MODE, BUCK, and DRVSET
pins may or may not be tied together based on conve-
nience. When tying these pins together, please be aware
of the pull-up/down currents/resistors on these pins! Any
external resistor or resistor divider network must take
those into account. For example, each FREQ pin sources
20μA. When two LTC7872 ICs have their FREQ pins tied
together, that is 40μA.
The OVLOW, OVHIGH and UVHIGH pins of multiple LTC7872s
must be tied together. This enables the entire system to
react to an OV/UV condition appropriately. The resistor
divider used on these pins must be scaled based on the
number of LTC7872s paralleled, as these pins have 5μA
hysteresis currents that turn on and off.
The ITHLOW and ITHHIGH pins of multiple LTC7872s
should be tied together. Tying the ITHLOW pins together
and the ITHHIGH pins together gives the best current shar-
ing between phases. Each error amplifier’s compensation
network must be placed local to the specific IC to mini-
mize jitter and stability issues.
The RUN pins must be tied together – this is very critical
for boost mode operation. In boost mode, when multiple
LTC7872 have their RUN pins connected together, care
must be taken to ensure that the logic signal on the RUN
pin is a clean fast rising/falling signal so all ICs are enabled
at the same instant. If a resistor divider is used on the
RUN pin, then the part must be started up in buck mode.
Using a resistor divider on the RUN pin off VHIGH, set for
a start-up voltage higher than the UVHIGH set point, allows
the part to soft start cleanly after a UVHIGH fault is cleared.
Minimum On-Time Considerations
Minimum on-time, tON(MIN), is the smallest time duration
that the LTC7872 is capable of turning on the top MOSFET.
It is determined by internal timing delays, power stage
timing delays and the gate charge required to turn on the
top MOSFET. Low duty cycle applications may approach
this minimum on-time limit and care should be taken to
ensure that:
tON(MIN) <
VLOW
VHIGH f()
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com