Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM8056
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 2Page - Analog Devices LTM8056 Datasheet HTML 3Page - Analog Devices LTM8056 Datasheet HTML 4Page - Analog Devices LTM8056 Datasheet HTML 5Page - Analog Devices LTM8056 Datasheet HTML 6Page - Analog Devices LTM8056 Datasheet HTML 7Page - Analog Devices LTM8056 Datasheet HTML 8Page - Analog Devices LTM8056 Datasheet HTML 9Page - Analog Devices LTM8056 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
LTC7872
6
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VHIGH = 48V, VRUN = 5V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Synchronizable Frequency
SYNC = External Clock
l
60
750
kHz
Spread Spectrum Frequency
Modulation Range
VSYNC = 5V, RFREQ = 51.1k, MFR_SSFM = 0x00
–12
12
%
θ2 – θ1
Phase 2 Relative to Phase 1
180
Deg
θ3 – θ1
Phase 3 Relative to Phase 1
90
Deg
θ4 – θ1
Phase 4 Relative to Phase 1
270
Deg
θCLKOUT – θ1 CLKOUT Phase to Phase 1
45
Deg
Clock Output High Voltage
ILOAD = 0.5mA
V5 – 0.2
V5
V
Clock Output Low Voltage
ILOAD = –0.5mA
0.2
V
SYNC Pin Input Threshold
SYNC Pin Rising
SYNC Pin Falling
2
1.1
V
V
SYNC Pin Input Resistance
100
kΩ
Power Good and FAULT
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
PGOOD Leakage Current
VPGOOD = 5V
±1
µA
PGOOD Trip Level, VFBHIGH/VFBLOW
With Respect to the Regulated Voltage
VFBHIGH/VFBLOW Ramping Negative
VFBHIGH/VFBLOW Ramping Positive
–10
10
%
%
PGOOD Delay
PGOOD Pin High to Low
40
µs
FAULT Voltage Low
IFAULT = 2mA
0.1
0.3
V
FAULT Voltage Leakage Current
VFAULT = 5V
±1
µA
FAULT Delay
FAULT Pin High to Low
120
µs
VLOW OV Comparator Threshold
1.15
1.2
1.25
V
VLOW OV Comparator Hysteresis
VOVLOW > 1.2V
5
µA
VHIGH OV Comparator Threshold
1.15
1.2
1.25
V
VHIGH OV Comparator Hysteresis
VOVHIGH > 1.2V
5
µA
VHIGH UV Comparator Threshold
1.15
1.2
1.25
V
VHIGH UV Comparator Hysteresis
VUVHIGH < 1.2V
5
µA
PWM Outputs
PWM Output High Voltage
ILOAD = 0.5mA
l
V5 – 0.5
V
PWM Output Low Voltage
ILOAD = –0.5mA
l
0.5
V
PWM Output Current in Hi-Z State
±5
µA
DIGITAL I/O: CSB, SCLK, SDI, SDO
VIL
Digital Input Low Voltage
Pins CSB, SCLK, SDI
0.5
V
VIH
Digital Input High Voltage
Pins CSB, SCLK, SDI
1.8
V
VOL
Digital Output Voltage Low
Pin SDO, Sinking 1mA
0.3
V
RCSB
CSB Pin Pull-Up Resistor
300
kΩ
RSCLK
SCLK Pin Pull-Down Resistor
300
kΩ
RSDI
SDI Pin Pull-Down Resistor
300
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com