Electronic Components Datasheet Search
  English  ▼

X  

SC1894 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # SC1894
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1894 Datasheet(HTML) 1 Page - Maxim Integrated Products

  SC1894 Datasheet HTML 1Page - Maxim Integrated Products SC1894 Datasheet HTML 2Page - Maxim Integrated Products SC1894 Datasheet HTML 3Page - Maxim Integrated Products SC1894 Datasheet HTML 4Page - Maxim Integrated Products SC1894 Datasheet HTML 5Page - Maxim Integrated Products SC1894 Datasheet HTML 6Page - Maxim Integrated Products SC1894 Datasheet HTML 7Page - Maxim Integrated Products SC1894 Datasheet HTML 8Page - Maxim Integrated Products SC1894 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The SC1894 is the Scintera® 3rd generation of RF PA lin-
earizers (RFPAL™) that provide improved correction and
functionality over the previous generations. The SC1894
is a fully adaptive, RFin/RFout predistortion linearization
solution optimized for a wide range of amplifiers, power
levels, and communication protocols. The SC1894 uses
the PA output and input signals to adaptively generate
an optimized correction function in order to minimize the
PA’s self-generated distortion and impairments. Using
RF-domain analog signal processing enables the SC1894
to operate over wide-signal bandwidths and consume
very low power.
The SC1894 goes beyond linearization and provides
accurate RF power measurement of RFIN and RFFB.
Design support features including spectral monitoring
and ACLR alarm are also available. These design sup-
port features are accessed through the SC1894’s serial
peripheral interface (SPI) bus.
Applications
● Cellular Infrastructure (SC1894A-00C13)
• Single/Multicarrier, Multistandard: CDMA/EVDO,
TD-SCDMA, WiMAX®, WCDMA/HSDPA, LTE, and
TD-LTE
• BTS Amplifiers, RRH, Booster Amplifiers,
Repeaters, Small Cells, Microcells, Picocells,
DAS, AAS, and MIMO Systems
● Microwave Backhaul (SC1894A-00M13)
• BPSK, QPSK, Up to 1024-QAM
• IF-to-RF Outdoor Unit (ODU)
• Support for Adaptive Coding and Modulation
(ACM) and Automatic Transmit Power Control
(ATPC) Up to 100dB/s
● Broadcast Infrastructure (SC1894A-00C13)
• UHF Digital Broadcast
• DVB-T/H/T2, CMMB, ISDB-T and ATSC
• Other Applications: Digital Terrestrial UHF
Amplifiers, Exciters, Drivers and Transmitters
● Wide Range of PAs and Output Power
• Amplifier: Class A/AB and Doherty
• PA Process: LDMOS, GaN, GaAs, and InGaP
• Average PA Output Power Examples:
Cellular Infrastructure: Up to 49dBm
Terrestrial Broadcast: Up to 60dBm
● Any Application Requiring PA Linearization
Features
● RFin/RFout PA Linearizer SoC in Standard CMOS
• Fully Adaptive Correction
• Up to 28dB ACLR and 38dB IMD Improvement*
● External Reference Clock Support:
• 10, 13, 15.36, 19.2, 20, 26, and 30.72MHz
● Low Power Consumption:
• Duty-Cycled (9%) Feedback: 600mW
• Full Adaptation: 1200mW
● Frequency Range: 225MHz to 3800MHz
● Input Signal Bandwidth: 1.2MHz to 75MHz
● Packaged in 9mm x 9mm QFN Package
● Operating Case Temperature: -40°C to +105°C
● Fully RoHS Compliant, Green Materials
● Dual-RF Power Measurement
Benefits
● Ease of Use
• Integrated RFin/RFout Solution
• Reduced FW Development
● Reduces System Power Consumption and OPEX
● Reduces BOM Costs, Area, and Total Volume
• Smaller Power Supply, Heat Sink, and Enclosure
• Eliminates Microcontroller and Power Detectors
• Small Implementation Size (< 6.5cm2)
● Field-Proven, Carrier Class Reliability
Ordering Information and Application Block Diagram
appears at end of data sheet.
*Performance dependent on amplifier, bias, and waveform.
19-6957; Rev 1; 7/20
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)


Similar Part No. - SC1894

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
2.5MHz, 1.5A Synchronous Step Down Regulator
SC189AEVB SEMTECH-SC189AEVB Datasheet
1Mb / 23P
2.5MHz, 1.5A Synchronous Step Down Regulator
SC189AEVB-1 SEMTECH-SC189AEVB-1 Datasheet
1Mb / 23P
2.5MHz, 1.5A Synchronous Step Down Regulator
SC189AEVB-2 SEMTECH-SC189AEVB-2 Datasheet
1Mb / 23P
2.5MHz, 1.5A Synchronous Step Down Regulator
SC189AEVB-3 SEMTECH-SC189AEVB-3 Datasheet
1Mb / 23P
2.5MHz, 1.5A Synchronous Step Down Regulator
More results

Similar Description - SC1894

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH9A ETC1-WH9A Datasheet
105Kb / 2P
Linearizer
logo
Tyco Electronics
LG1 MACOM-LG1 Datasheet
65Kb / 1P
TO-8 THIN-FILM LINEARIZER
logo
M/A-COM Technology Solu...
LG1 MA-COM-LG1 Datasheet
153Kb / 3P
TO-8 Thin-Film Linearizer
LG1_SMLG1 MA-COM-LG1_SMLG1 Datasheet
153Kb / 3P
TO-8 Thin-Film Linearizer
LG1-SMLG1 MA-COM-LG1-SMLG1_15 Datasheet
153Kb / 3P
TO-8 Thin-Film Linearizer
logo
Maxim Integrated Produc...
SC1905 MAXIM-SC1905 Datasheet
159Kb / 13P
698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
SC1889 MAXIM-SC1889 Datasheet
110Kb / 10P
Adaptive RF Power Amplifier Linearizer and Dual RMS Power Measurement Unit
Rev 0.1; August 2014
logo
Renesas Technology Corp
F1792 RENESAS-F1792_V01 Datasheet
1Mb / 33P
RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
February 9, 2022
F1192 RENESAS-F1192 Datasheet
2Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
2/22/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com