Electronic Components Datasheet Search
  English  ▼

X  

SC1894 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # SC1894
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1894 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button SC1894 Datasheet HTML 8Page - Maxim Integrated Products SC1894 Datasheet HTML 9Page - Maxim Integrated Products SC1894 Datasheet HTML 10Page - Maxim Integrated Products SC1894 Datasheet HTML 11Page - Maxim Integrated Products SC1894 Datasheet HTML 12Page - Maxim Integrated Products SC1894 Datasheet HTML 13Page - Maxim Integrated Products SC1894 Datasheet HTML 14Page - Maxim Integrated Products SC1894 Datasheet HTML 15Page - Maxim Integrated Products SC1894 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Data presented in the figures on the following pages are based on typical operating conditions at +25°C, AVDD18 = 1.8V, AVDD33 =
3.3V, and DVDD18 = 1.8V, unless otherwise specified.
Conditions:
Waveforms: WCDMA-2 carrier 6.5dB PAR and LTE 10MHz 7.5dB PAR
−40°C < Tcase < +105°C
A/DVDD18 = 1.7V/1.9V, AVDD33 = 3.1V/3.5V
Measurements (PMU Deviation from +25°C)
Figure 5. RFIN_BLN PMU deviation from +25°C vs. RFIN RMS
Power, frequency = 1800MHz
Figure 7. RFIN_BLN PMU deviation from +25°C vs. RFIN RMS
Power, frequency = 2500MHz
Figure 6. RFFB_BLN PMU deviation from +25°C vs. RFFB
RMS Power, frequency = 1800MHz
Figure 8. RFFB_BLN PMU deviation from +25°C vs. RFFB
RMS Power, frequency = 2500MHz
Maxim Integrated │ 12
www.maximintegrated.com
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com