Electronic Components Datasheet Search
  English  ▼

X  

SC1894 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # SC1894
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1894 Datasheet(HTML) 5 Page - Maxim Integrated Products

  SC1894 Datasheet HTML 1Page - Maxim Integrated Products SC1894 Datasheet HTML 2Page - Maxim Integrated Products SC1894 Datasheet HTML 3Page - Maxim Integrated Products SC1894 Datasheet HTML 4Page - Maxim Integrated Products SC1894 Datasheet HTML 5Page - Maxim Integrated Products SC1894 Datasheet HTML 6Page - Maxim Integrated Products SC1894 Datasheet HTML 7Page - Maxim Integrated Products SC1894 Datasheet HTML 8Page - Maxim Integrated Products SC1894 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Operation at +25°C, AVDD18 = 1.8V, AVDD33 = 3.3V, DVDD18 = 1.8V, and 20MHz external clock, unless otherwise specified.
Operation at +25°C, AVDD18 = 1.8V, AVDD33 = 3.3V, DVDD18 = 1.8V, and 20MHz external clock, unless otherwise specified.
Operation at +25°C, AVDD18 = 1.8V, AVDD33 = 3.3V, DVDD18 = 1.8V, and 20MHz external clock, unless otherwise specified.
Operation at +25°C, AVDD18 = 1.8V, AVDD33 = 3.3V, DVDD18 = 1.8V, and 20MHz external clock, unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Peak RFIN_BLN (Notes 11, 13)
PRFIN_BLN_P
When PA operates at maximum
power
-6
0
+2
dBm
Peak RFFB_BLN (Notes 11, 13)
PRFFB_BLN_P
-16
-8
-6
dBm
RMS RFIN_BLN (Notes 12, 13)
PRFIN_BLN
-13
-10
-8
dBm
RMS RFFB_BLN (Notes 12, 13)
PRFFB_BLN
-23
-18
-16
dBm
RFIN_BLN Operating Range
PRFIN_BLN
RMS power, over PA output
power range
-48
-8
dBm
RFFB_BLN Operating Range
PRFFB_BLN
-56
-16
dBm
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Peak RFIN_BLN (Note 11, 13)
PRFIN_BLN_P
When PA operates at maximum
power
-6
0
+2
dBm
Peak RFFB_BLN (Note 11, 13)
PRFFB_BLN_P
-16
-8
-6
dBm
RMS RFIN_BLN (Note 12, 13)
PRFIN_BLN
-13
-10
-8
dBm
RMS RFFB_BLN (Note 12, 13)
PRFFB_BLN
-23
-18
-16
dBm
RFIN_BLN Operating Range
PRFIN_BLN
RMS power, over PA output power
range
-48
-8
dBm
RFFB_BLN Operating Range
PRFFB_BLN
-56
-16
dBm
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Peak RFIN_BLN (Note 11, 13)
PRFIN_BLN_P
When PA operates at maximum
power
-2
+4
+6
dBm
Peak RFFB_BLN (Note 11, 13)
PRFFB_BLN_P
-12
-4
-2
dBm
RMS RFIN_BLN (Note 12, 13)
PRFIN_BLN
-9
-6
-4
dBm
RMS RFFB_BLN (Note 12, 13)
PRFFB_BLN
-19
-14
-12
dBm
RFIN_BLN Operating Range
PRFIN_BLN
RMS power, over PA output power
range
-49
-4
dBm
RFFB_BLN Operating Range
PRFFB_BLN
-52
-12
dBm
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Peak RFIN_BLN (Note 11, 13)
PRFIN_BLN_P
When PA operates at maximum
power
+6
dBm
Peak RFFB_BLN (Note 11, 13)
PRFFB_BLN_P
-4
dBm
RMS RFIN_BLN (Note 12, 13)
PRFIN_BLN
-4
dBm
RMS RFFB_BLN (Note 12, 13)
PRFFB_BLN
-14
dBm
RFIN_BLN Operating Range
PRFIN_BLN
RMS power, over PA output power
range
-44
-4
dBm
RFFB_BLN Operating Range
PRFFB_BLN
-54
-14
dBm
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 5
RF Input Range for Maximum Correction—225MHz to 470MHz
RF Input Range for Maximum Correction—470MHz to 700MHz
RF Input Range for Maximum Correction—700MHz to 2700MHz
RF Input Range for Maximum Correction—2700MHz to 3300MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com