Electronic Components Datasheet Search
  English  ▼

X  

SC1894 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # SC1894
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1894 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button SC1894 Datasheet HTML 10Page - Maxim Integrated Products SC1894 Datasheet HTML 11Page - Maxim Integrated Products SC1894 Datasheet HTML 12Page - Maxim Integrated Products SC1894 Datasheet HTML 13Page - Maxim Integrated Products SC1894 Datasheet HTML 14Page - Maxim Integrated Products SC1894 Datasheet HTML 15Page - Maxim Integrated Products SC1894 Datasheet HTML 16Page - Maxim Integrated Products SC1894 Datasheet HTML 17Page - Maxim Integrated Products SC1894 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Shipping Designator:
E = 7in tape and reel
Append shipping designator (E) at end of part number. If
left blank, designates bulk shipping option.
*Recommended for new designs.
*To be ordered separately from the evaluation kit.
PART NUMBER
DESCRIPTION
SC1894A-00B00
IC, RFPAL, 225MHz–3800MHz,
FW4.1.05.01
SC1894A-00B13
IC, RFPAL, 225MHz–3800MHz,
FW4.1.05.01
SC1894A-00C13* IC, RFPAL, 225MHz–3800MHz,
FW4.1.03.08 (for all other applications)
SC1894A-00M13* IC, RFPAL, 225MHz–3800MHz,
FW4.1.07.00 (for microwave applications)
SC1894A-00N13*
IC, RFPAL, 225MHz–3800MHz,
FW4.5.01.00 (for narrow band
applications)
PART NUMBER
DESCRIPTION
SC1894-EVK200
Eval Kit, RFPAL, 225-470MHz
SC1894-EVK500
Eval Kit, RFPAL, 470-928MHz
SC1894-EVK900
Eval Kit, RFPAL, 698-960MHz
SC1894-EVK1500
Eval Kit, RFPAL, 1350-1800MHz
SC1894-EVK1900
Eval Kit, RFPAL, 1800-2200MHz
SC1894-EVK2400
Eval Kit, RFPAL, 2300-2700MHz
SC1894-EVK3400
Eval Kit, RFPAL, 3300-3800MHz
SC-USB-SPI*
Adapter, SPI-USB Interface/Controller
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
64 QFN
K6499MK+1B
21-0765
90-0605
Evaluation Kit Ordering Information
Ordering Information
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com