Electronic Components Datasheet Search
  English  ▼

X  

SC1894 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # SC1894
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1894 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button SC1894 Datasheet HTML 10Page - Maxim Integrated Products SC1894 Datasheet HTML 11Page - Maxim Integrated Products SC1894 Datasheet HTML 12Page - Maxim Integrated Products SC1894 Datasheet HTML 13Page - Maxim Integrated Products SC1894 Datasheet HTML 14Page - Maxim Integrated Products SC1894 Datasheet HTML 15Page - Maxim Integrated Products SC1894 Datasheet HTML 16Page - Maxim Integrated Products SC1894 Datasheet HTML 17Page - Maxim Integrated Products SC1894 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
*Recommended for new designs.
LINE
TOP MARK
DESCRIPTION
1
SCINTERA
Company Name
2
SC1894
Product Part Number
2
A
Product Revision
2
-00
-13
Product Configuration (PC):
-00 = All features enabled
-13 = All features enabled*
3
XXXXXXXXXX
Assembly Lot Number
(up to 10 characters)
4
WW
Date Code - Work Week
4
YY
Date Code - Year
4
RRRR
Reserved
SCINTERA
SC1894A-00
XXXXXXXXXX
WWYYRRRR
SCINTERA
SC1894A-13
XXXXXXXXXX
WWYYRRRR
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 16
Top Mark
ESD (Electrostatic discharge) sensitive device. Although this product incorporates ESD protection circuitry, permanent damage may occur on
devices subjected to electrostatic discharges. Proper ESD precautions are recommended to avoid performance degradation or device failure.
TEST METHODOLOGY
CLASS
VOLTAGE
UNIT
Human Body Model (per JESD22-A114)
1C
1000
V
Charge Device Model (per JESD22-C101)
II
250
V
ESD
Electrostatic Discharge (ESD) Protection Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com