Electronic Components Datasheet Search
  English  ▼

X  

OPA4191 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4191 Datasheet(HTML) 4 Page - Texas Instruments

  OPA4191 Datasheet HTML 1Page - Texas Instruments OPA4191 Datasheet HTML 2Page - Texas Instruments OPA4191 Datasheet HTML 3Page - Texas Instruments OPA4191 Datasheet HTML 4Page - Texas Instruments OPA4191 Datasheet HTML 5Page - Texas Instruments OPA4191 Datasheet HTML 6Page - Texas Instruments OPA4191 Datasheet HTML 7Page - Texas Instruments OPA4191 Datasheet HTML 8Page - Texas Instruments OPA4191 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Pin Functions: OPA191
PIN
I/O
DESCRIPTION
NAME
OPA191
D (SOIC),
DGK (VSSOP)
DBV (SOT)
+IN
3
3
I
Noninverting input
–IN
2
4
I
Inverting input
NC
1, 5, 8
—
—
No internal connection (can be left floating)
OUT
6
1
O
Output
V+
7
5
—
Positive (highest) power supply
V–
4
2
—
Negative (lowest) power supply
Pin Functions: OPA2191 and OPA4191
PIN
I/O
DESCRIPTION
NAME
OPA2191
OPA4191
D (SOIC),
DGK
(VSSOP)
D (SOIC),
PW (TSSOP)
RUM (QFN)
+IN A
3
3
2
I
Noninverting input, channel A
+IN B
5
5
4
I
Noninverting input, channel B
+IN C
—
10
9
I
Noninverting input, channel C
+IN D
—
12
11
I
Noninverting input, channel D
–IN A
2
2
1
I
Inverting input, channel A
–IN B
6
6
5
I
Inverting input, channel B
–IN C
—
9
8
I
Inverting input,,channel C
–IN D
—
13
12
I
Inverting input, channel D
OUT A
1
1
15
O
Output, channel A
OUT B
7
7
6
O
Output, channel B
OUT C
—
8
7
O
Output, channel C
OUT D
—
14
14
O
Output, channel D
V+
8
4
3
—
Positive (highest) power supply
V–
4
11
10
—
Negative (lowest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com