Electronic Components Datasheet Search
  English  ▼

X  

OPA4191 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4191 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA4191 Datasheet HTML 13Page - Texas Instruments OPA4191 Datasheet HTML 14Page - Texas Instruments OPA4191 Datasheet HTML 15Page - Texas Instruments OPA4191 Datasheet HTML 16Page - Texas Instruments OPA4191 Datasheet HTML 17Page - Texas Instruments OPA4191 Datasheet HTML 18Page - Texas Instruments OPA4191 Datasheet HTML 19Page - Texas Instruments OPA4191 Datasheet HTML 20Page - Texas Instruments OPA4191 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
Time (2.5 µs/div)
C017
Time (Ps)
Negative overload
Positive overload
0
10
20
10
100
1000
Capacitive Load (pF)
RISO = 0
RISO = 25
RISO = 50
C004
Time (50 Ps/div)
Output
Input
Frequency (Hz)
100m
1
10
100
1k
10k
100k
1M
10M
100
1k
10k
100k
0
10
20
30
40
50
60
10
100
1000
Capacitive Load (pF)
RISO = 0
RISO = 25
RISO = 50
C004
17
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 31. Open-Loop Output Impedance vs Frequency
G = 1, 100-mV output step
Figure 32. Small-Signal Overshoot vs Capacitive Load
(100-mV Output Step)
G = –1, 100-mV output step
Figure 33. Small-Signal Overshoot vs Capacitive Load
Figure 34. No Phase Reversal
VS = ±18 V, G = –10 V/V
Figure 35. Overload Recovery
G = 1, CL = 10 pF
Figure 36. Small-Signal Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com