Electronic Components Datasheet Search
  English  ▼

X  

OPA4191 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4191 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4191 Datasheet HTML 7Page - Texas Instruments OPA4191 Datasheet HTML 8Page - Texas Instruments OPA4191 Datasheet HTML 9Page - Texas Instruments OPA4191 Datasheet HTML 10Page - Texas Instruments OPA4191 Datasheet HTML 11Page - Texas Instruments OPA4191 Datasheet HTML 12Page - Texas Instruments OPA4191 Datasheet HTML 13Page - Texas Instruments OPA4191 Datasheet HTML 14Page - Texas Instruments OPA4191 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
11
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
6.9 Typical Characteristics
Table 1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1, Figure 2, Figure 3, Figure 4, Figure 5, Figure 6
Offset Voltage Drift Distribution
Figure 7, Figure 8,
Offset Voltage vs Temperature
Figure 9, Figure 10
Offset Voltage vs Common-Mode Voltage
Figure 11, Figure 12
Offset Voltage vs Power Supply
Figure 13
Open-Loop Gain and Phase vs Frequency
Figure 14
Closed-Loop Gain and Phase vs Frequency
Figure 15
Input Bias Current vs Common-Mode Voltage
Figure 16
Input Bias Current vs Temperature
Figure 17
Output Voltage Swing vs Output Current (maximum supply)
Figure 18, Figure 19
CMRR and PSRR vs Frequency
Figure 20
CMRR vs Temperature
Figure 21
PSRR vs Temperature
Figure 22
0.1-Hz to 10-Hz Noise
Figure 23
Input Voltage Noise Spectral Density vs Frequency
Figure 24
THD+N Ratio vs Frequency
Figure 25
THD+N vs Output Amplitude
Figure 26
Quiescent Current vs Supply Voltage
Figure 27
Quiescent Current vs Temperature
Figure 28
Open Loop Gain vs Temperature
Figure 29, Figure 30
Open Loop Output Impedance vs Frequency
Figure 31
Small Signal Overshoot vs Capacitive Load (100-mV output step)
Figure 32, Figure 33
No Phase Reversal
Figure 34
Overload Recovery
Figure 35
Small-Signal Step Response (100 mV)
Figure 36, Figure 37
Large-Signal Step Response
Figure 38, Figure 39
Settling Time
Figure 40, Figure 41, Figure 42, Figure 43
Short-Circuit Current vs Temperature
Figure 44
Maximum Output Voltage vs Frequency
Figure 45
Propagation Delay Rising Edge
Figure 46
Propagation Delay Falling Edge
Figure 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com