Electronic Components Datasheet Search
  English  ▼

X  

OPA4191 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4191 Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA4191 Datasheet HTML 22Page - Texas Instruments OPA4191 Datasheet HTML 23Page - Texas Instruments OPA4191 Datasheet HTML 24Page - Texas Instruments OPA4191 Datasheet HTML 25Page - Texas Instruments OPA4191 Datasheet HTML 26Page - Texas Instruments OPA4191 Datasheet HTML 27Page - Texas Instruments OPA4191 Datasheet HTML 28Page - Texas Instruments OPA4191 Datasheet HTML 29Page - Texas Instruments OPA4191 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
+
±
C
R
Input
Output
619
320 pF
Time (2 Ps/Div)
G = +1 V/V
26
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
8.3.5 Capacitive Load and Stability
The OPAx191 features a patented output stage capable of driving large capacitive loads, and in a unity-gain
configuration, directly drives up to 1 nF of pure capacitive load. Increasing the gain enhances the ability of the
amplifier to drive greater capacitive loads; see Figure 55. The particular op amp circuit configuration, layout, gain,
and output loading are some of the factors to consider when establishing whether an amplifier will be stable in
operation.
Figure 55. Transient Response with a Purely Capacitive Load of 1 nF
Like many low-power amplifiers, some ringing can occur even with capacitive loads less than 100 pF. In unity-
gain configurations with no or very light dc loads, place an RC snubber circuit at the OPAx191 output to reduce
any possibility of ringing in lightly-loaded applications. Figure 56 illustrates the recommended RC snubber circuit.
Figure 56. RC Snubber Circuit for Lightly-Loaded Applications in Unity Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com