Electronic Components Datasheet Search
  English  ▼

X  

OPA4191 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4191 Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA4191 Datasheet HTML 23Page - Texas Instruments OPA4191 Datasheet HTML 24Page - Texas Instruments OPA4191 Datasheet HTML 25Page - Texas Instruments OPA4191 Datasheet HTML 26Page - Texas Instruments OPA4191 Datasheet HTML 27Page - Texas Instruments OPA4191 Datasheet HTML 28Page - Texas Instruments OPA4191 Datasheet HTML 29Page - Texas Instruments OPA4191 Datasheet HTML 30Page - Texas Instruments OPA4191 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
C
load
+
±
V
in
V
out
+V
s
R
iso
-V
s
27
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
For additional drive capability in unity-gain configurations, improve capacitive load drive by inserting a small,
10-Ω to 20-Ω resistor (RISO) in series with the output, as shown in Figure 57. This resistor significantly reduces
ringing while maintaining dc performance for purely capacitive loads. However, if there is a resistive load in
parallel with the capacitive load, a voltage divider is created, introducing a gain error at the output and slightly
reducing the output swing. The error introduced is proportional to the ratio RISO / RL, and is generally negligible at
low output levels. A high capacitive load drive makes the OPA191 a great choice for applications such as
reference buffers, MOSFET gate drives, and cable-shield drives. The circuit shown in Figure 57 uses RISO to
stabilize the output of an op amp. RISO modifies the open-loop gain of the system for increased phase margin.
Results using the OPA191 are summarized in Table 3. For additional information on techniques to optimize and
design using this circuit, TI Precision Design TIPD128, Capacitive Load Drive Verified Reference Design Using
an Isolation Resistor, details complete design goals, simulation, and test results.
Figure 57. Extending Capacitive Load Drive With the OPA191
Table 3. OPA191 Capacitive Load Drive Solution Using Isolation Resistor Comparison of Calculated and
Measured Results
PARAMETER
VALUE
Capacitive Load
100 pF
1000 pF
0.01 µF
0.1 µF
1 µF
Phase Margin
45°
45°
60°
45°
60°
45°
60°
45°
60°
RISO (Ω)
280
113
432
68
210
17.8
53.6
3.6
10
Measured
Overshoot (%)
23
23
8
23
8
23
8
23
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com