Electronic Components Datasheet Search
  English  ▼

X  

D765 Datasheet(PDF) 2 Page - NEC

Part # D765
Description  Single/Double Density Floppy-Disk Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D765 Datasheet(HTML) 2 Page - NEC

  D765 Datasheet HTML 1Page - NEC D765 Datasheet HTML 2Page - NEC D765 Datasheet HTML 3Page - NEC D765 Datasheet HTML 4Page - NEC D765 Datasheet HTML 5Page - NEC D765 Datasheet HTML 6Page - NEC D765 Datasheet HTML 7Page - NEC D765 Datasheet HTML 8Page - NEC D765 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
uPD765A/uPD765B
NEC
Pin Identification
No.
Symbol
1
RESET
2
RD
3
WR
4
C
S
5
A0
6-13
DB0-DB7
14
DRQ
15
DACK
16
TC
17
INDEX
Function
Reset input
Read control input
Write control input
Chip select input
Data or status select input
Bidirectional data bus
DMA request output
DMA acknowledge input
Terminal count input
Index input
18
INT
19
CLK
20
GND
21
WCLK
22
WINDOW
23
R DATA
24
SYNC
25
WE
26
MFM
27
SIDE
28 29
USn US1
Interrupt request output
Clock input
Ground
Write clock input
Read data window input
Read data input
VCO sync output
Write enable output
MFM output
Head select output
FDD unit select output
30
WDATA
31, 32
P S 0 PS1
33
FLT/TRK0
34
WPRT/2SIDE
3 5
READY
36
HDLD
37
FLTR/STEP
38
LCT/DIR
39
m/SEEK
40
kc
Write data output
Preshift
output
Fault/track zero input
Write protect/two side
input
Ready input
Head load output
Fault reset/step output
Low current direction
output
Read/write/ seek output
DC power ( +5 V)
Pin Functions
RESET (Reset)
INT (Interrupt)
The RESET input places the FDC in the idle state. It re-
sets the output lines to the FDD to 0 (low), except PSO, 1
and WDATA (undefined), INT and DRQ also go low;
DBO-7 goes to an input state. It does not affect SRT,
HUT, or HLT in the Specify command. If the RDY input is
held high during reset, the FDC will generate an inter-
rupt within 1.024ms.
To clear this interrupt, use the
Sense Interrupt Status command.
The INT output is FDC’s interrupt request. In Non-DMA
mode, the signal is output for each byte. In DMA mode,
it is output at the termination of a command operation.
CLK (Clock)
CLK is the input for the FDC’s single-phase, lTL-level
squarewave clock: 8 MHz or 4 MHz. (Requires a pull-up
resistor.)
RD (Read Strobe)
The RD input allows the transfer of data from the FDC
to the data bus when low and either C
Sor DACK is
asserted.
WR (Write Strobe)
TheWR
input allows the transfer of data to the FDC
from the data bus when low. Disabled when C
Sis high.
A0 (Data/Status Select)
The A0 input selects the data register (A0 = 1) or status
register (A0=O) contents to be accessed through the
data bus.
C
S(Chip Select)
The FDC is selected when C
Sis low, enabling RD and
WR.
DBo-DB7 (Data Bus)
DBo-DB7 are a bidirectional 8-bit
data bus. Disabled
when C
Sis high.
DRQ (DMA Request)
The FDC asserts the DRQ output high to request a DMA
transfer.
DACK (DMA Acknowledge)
When the DACK input is low, a DMA cycle is active and
the controller is performing a DMA transfer.
TC (Terminal Count)
When theTC input is high, it indicates the termination of
a DMA transfer. It terminates data transfer during Read/
Write/Scan commands in DMA or interrupt mode.
INDEX (Index)
The INDEX input goes high at the beginning of a disk
track.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com