Electronic Components Datasheet Search
  English  ▼

X  

D765 Datasheet(PDF) 11 Page - NEC

Part # D765
Description  Single/Double Density Floppy-Disk Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D765 Datasheet(HTML) 11 Page - NEC

Back Button D765 Datasheet HTML 7Page - NEC D765 Datasheet HTML 8Page - NEC D765 Datasheet HTML 9Page - NEC D765 Datasheet HTML 10Page - NEC D765 Datasheet HTML 11Page - NEC D765 Datasheet HTML 12Page - NEC D765 Datasheet HTML 13Page - NEC D765 Datasheet HTML 14Page - NEC D765 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
uPD765A/uPD765B
NEC
Table 3. Status Register Identification (cont)
Command Symbol Description
Name
A0
(Address Line 0)
C
(Cylmder Number)
D
(Data)
D7-D0
(Data Bus)
DTL
(Data Length)
Function
A0 controls selection
of main status register
(A0=0) or data register (A0= 1).
C stands for the current /selected cylinder
(track) numbers 0 through 76 of the medium
D stands for the data pattern which
is going to be
written into a sector during WRITE ID operation
8-bit data bus, where D7 stands for a most
significant bit, and D0 stands for a least
significant bit.
When N is defined as 00. DTL stands for the data
length which users are going to read out or write
into the sector
Pin
NC.
Name
Function
Status Register 3
D7
FT
This bit is used to indicate the status of the
fault signal from the FDD.
This bit is used to indicate the status of the
(Fault)
D6
WP
(Write Protected)
write protected signal from the FDD.
D56
RY
This bit is used to Indicate the status of the
(Ready)
D4
TO
(Track 0)
03
TS
ready signal from the FDD.
This bit IS used to
indicate
the
status of the
track 0 signal from the FDD.
This bit IS used to indicate the status of the
(Two-Side)
D2
HD
two-side signal from the FDD.
This bit is used to Indicate the
status of the
EOT stands for the final sector number on a cylin-
der Durmg read or write operations, FDC will stop
data transfer after a sector number equal to EOT
EOT
(End of Track)
(Head Address)
D1
US1
(Unit Select 1)
D0
US0
(Unit Select 0)
Note:
side select signal to the FDD
This bit is used to Indicate the status of the
unit select 1 signal to the FDD.
This bit is used to indicate the status of the
unit select 0 signal to the FDD.
(1) CRC = Cyclic Redundancy Check
(2) IDR = Internal Data Register
(3) Cylinder (C) is described more fully in the Command Symbol
Description.
GPL
(Gap Length)
GPL stands for the length of gap 3. During Read /
Write commands this value determines the num-
ber of bytes that VCO sync will stay low after two
CRC bytes During Format command it deter-
mines the size of gap 3
H stands for the logical
head number 0 or 1. as
specified
in ID field
HD stands for a the physical head number 0 or 1
and controls the polarity
of pin 27 (H = HD in all
command words )
HLT stands for the head load time in the FDD (2 to
254 ms in 2 ms Increments).
HUT stands for the head unload time after a Read
or Write operation has occurred (16 to 240 ms in
16 ms Increments)
H
(Head Address)
HD(Head)
Command
Sequence
The uPD765A/uPD765B
is capable of performing 15 dif-
ferent
commands.
Each
command
is
initiated
by
a
multibyte transfer from the processor, and the result af-
ter execution of the command may also be a multibyte
transfer back to the processor. Because of this
multi-
byte interchange of information between the uPD765A/
uPD765B and the processor, it is convenient to consider
each command as consisting of three phases:
HLT
(Head Load Time)
HUT
(Head Unload Time)
If MF IS low, FM mode IS selected, and if it is high,
MFM mode IS selected
MF
(FM or MFM Mode)
MT
(Multitrack)
IF MT is high, a multitrack operation IS per-
formed If MT = 1 after finishing read/write oper-
ation on siude 0. FDC will automatically
start
searching for sector 1 on side 1
Command
Phase:
Execution
Phase:
Result Phase:
The FDC receives all information re-
quired to perform a particular opera-
tion from the processor.
The FDC performs the operation it
was instructed to do.
After
completion
of
the
operation,
status and other housekeeping infor-
mation
are
made
available
to
the
processor.
N
N stands for the number of data bvtes written in a
(Number)
sector
NCN
NCN stands for a new cylinder number which
is
(New Cylinder Number)
going to be reached as a result of the seek opera-
tion; desired position
of head
ND
ND stands for operation in the non-DMA mode
(Non-DMA Mode)
PCN
PCN stands for the cylinder number at the
(Present Cylinder Number) completion of Sense Interrupt Status command,
position
of head at present time
Table
4
shows
the
required
preset
parameters
and
results for each command. Most commands require 9
command bytes and return 7 bytes during the result
phase. The “W”
to the left of each byte indicates a com-
mand phase byte to be written, and an “R” indicates a
result byte. The definitions of other abbriviations used
in table are given in the Command Symbol Description
table.
R
[Record)
R/W
(Read/Write)
SC
(Sector)
SK
(Skip)
R stands for the sector number which
will be read
or written
R/W stands for either Read (R) or Write (W)
signal
SC indicates the number of sectors per cylinder
SK stands for skip deleted data address mark
5-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com