Electronic Components Datasheet Search
  English  ▼

X  

D765 Datasheet(PDF) 3 Page - NEC

Part # D765
Description  Single/Double Density Floppy-Disk Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D765 Datasheet(HTML) 3 Page - NEC

  D765 Datasheet HTML 1Page - NEC D765 Datasheet HTML 2Page - NEC D765 Datasheet HTML 3Page - NEC D765 Datasheet HTML 4Page - NEC D765 Datasheet HTML 5Page - NEC D765 Datasheet HTML 6Page - NEC D765 Datasheet HTML 7Page - NEC D765 Datasheet HTML 8Page - NEC D765 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NEC
uPD765A/uPD765B
WCLK (Write Clock)
The WCLK input sets the data write rate to the FDD. It is
500 kHz for FM, 1 MHz for MFM drives, for 8 MHz opera-
tion of the FDC; 250kHz FM or 500 kHz MFM for 4 MHz
FDC operation.
This signal must be input for read and write cycles
WCLK’s rising edge must be synchronized with CLK’s
rising edge, except for the
uPD765B.
WINDOW (Read Data Window)
The WINDOW input is generated by the phase-locked
loop (PLL). It is used to sample data from the FDD and in
distinguishing between clock and data bits in the FDC.
RDATA (Read Data)
The RDATA input is the read data from the FDD,
containing clock and data bits. To avoid a deadlock
situation, input RDATA and WINDOW together.
WDATA (Write Data)
WDATA is the serial clock and data output to the FDD.
WE (Write Enable)
The WE output enables write data into the FDD.
SYNC (VCO Sync)
The SYNC output inhibits the VCO in the PLL when low,
enables it when high.
MFM (MFM Mode)
The MFM output shows the
VCO’s
operation mode. It is
high for MFM, low for FM.
SIDE (Head Select)
Head 1 is selected when the SIDE output is 1 (high), head
0 is selected when SIDE is 0 (low).
US0 US1 (Unit Select 0,1)
The US0 and US1 outputs select up to 4 floppy disk drive
units using an external decoder.
PS0, PS1 (Preshift 0,1)
The PS0 and PS1 outputs are the write precompensation
request signals for MFM mode. They determine early,
late, and normal times for WDATA shifting.
READY (Ready)
The READY input indicates that the FDD is ready to re-
ceive data.
HDLD (Head Load)
The HDLD output is the command which causes the
read/write head in the FDD to contact the diskette.
FLT/TRKO (Fault/Track 0)
In the read/write mode, the FLT input detects FDD fault
conditions. In the seek mode, TRKO indicates track 0
head
position.
WPRT/2SlDE
(Write Protect/Two Side)
In the read/write mode, the WPRT input senses write
protected status (at the drive or media.)
In the seek
mode, 2SIDE
senses two-sided media.
FLTR/STEP
(Fault Reset/Step)
In the read/write mode, the FLTR output resets the fault
flip-flop in the FDD. In the seek mode, STEP outputs
step pulses to move the head to another cylinder. A fault
reset pulse is issued at the beginning or each Read or
Write command prior to the HDLD signal.
LCT/DlR (Low Current/Direction)
In the read/write mode, the LCT output indicates that
the R/W head is positioned at cylinder 42 or greater. In
the seek mode, the DIR output determines the direction
the head will move in when it receives a step pulse. If
DIR is 0, seeks are performed in the outward direction;
DIR is 1, seeks are performed in the inward direction.
RWlSEEK
(Read/Write/Seek)
The RW/SEEK output specifies the read/write mode
when low, and the seek mode when high.
GND (Ground)
Ground.
Vcc(+5v)
+5 V power supply.
5-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com