Electronic Components Datasheet Search
  English  ▼

X  

D765 Datasheet(PDF) 4 Page - NEC

Part # D765
Description  Single/Double Density Floppy-Disk Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D765 Datasheet(HTML) 4 Page - NEC

  D765 Datasheet HTML 1Page - NEC D765 Datasheet HTML 2Page - NEC D765 Datasheet HTML 3Page - NEC D765 Datasheet HTML 4Page - NEC D765 Datasheet HTML 5Page - NEC D765 Datasheet HTML 6Page - NEC D765 Datasheet HTML 7Page - NEC D765 Datasheet HTML 8Page - NEC D765 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
uPD765AIuPD765B
NEC
Block Diagram
Absolute
Maximum
Ratings
TA = 250C
Power supply voltage, VCC
-0
5to
+7v
Input
voltage, V1
-0.5 to +7v
Output voltage, VO
-0.510
+7v
Operating temperature, TOpT
- 1OOC to +7ooc
Storage temperature, TSTG
-65°C to +150°C
Comment:
Exposing the device to stresses above those listed
in the Absolute Maximum Ratings could cause permanent
damage. The device should not be operated under conditions
outside the limits described in the operational sections of this
specification. Exposure to absolute maximum rating condi-
tions for extended periods
may
affect device reliability.
DC
Characteristics
Th= -1O’C to
+70°C,Vcc =
+5V%lO%
__
Limits
Teal
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Input voltage
-0.5
v
IOW
Input voltage
VIH
2.0
5 v
high
Output voltage
0.45
V
low
Voltage
2.4
Input voltage
0.5
low (CLK +
WCLK)
Input voltage
high
(CLK + WCLK)
Supply current
kc)
kc
V
0.65
V
v
150
140
Input load
10
current high
Input load
-10
current low
Output leakage
current high
Output leakage
current low
10
-10
Capacitance
Parameter
Input clock
Limits
Symbol
Min
Typ
Max
Unit
20
pF
Test
Conditions
(Note 1)
Input
capacitance
10
pF
(Note 1)
output
COUT
20
pF
capacitance
Note:
(1) All
pinsexcept pin under test tied to
AC ground.
[Note 1)
5-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com