Electronic Components Datasheet Search
  English  ▼

X  

D765 Datasheet(PDF) 10 Page - NEC

Part # D765
Description  Single/Double Density Floppy-Disk Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D765 Datasheet(HTML) 10 Page - NEC

Back Button D765 Datasheet HTML 6Page - NEC D765 Datasheet HTML 7Page - NEC D765 Datasheet HTML 8Page - NEC D765 Datasheet HTML 9Page - NEC D765 Datasheet HTML 10Page - NEC D765 Datasheet HTML 11Page - NEC D765 Datasheet HTML 12Page - NEC D765 Datasheet HTML 13Page - NEC D765 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
uPD765A/uPD765B
NEC
Table 3. Status Register Identification
Pin
NO.
Name
Status Register 0
D7,
D6
IC
(Interrupt Code)
Function
D7=0 and D6=0
Normal termination of command, (NT)
Command was completed and properly ex-
ecuted
D3
NR
D7=0 and D6=1
Abnormal termination of command, (AT)
Execution
of command was started but
was not successfully
completed.
D7=1 and D6=0
Invalid command issue, (IC) Command
which was issued was never started
D65
D4
D7=1 and D6=1
Abnormal termination
because during
command execution the ready srgnal from
FDD changed state
SE
When the FDC completes the Seek com-
(Seek End)
mand, this flag IS set lo 1 (high).
EC
If a fault srgnal IS received
from the FDD, or
(Equipment Check)
if the track 0 srgnal fails to occur after 77
step pulses (Recalibrate Command) then
this flag is set
When the FDD IS in the not-ready state and
(Not Ready)
a Read or Write command IS Issued, this
flag IS set If a Read or Write command is
issued to side 1 of a single-sided drive,
then this flag IS set
D2
HD
This flag IS used to indicate
the state of the
(Head Address)
D1
US:
(Unit Select 1)
D0
Us0
head at interrupt.
This flag IS used to indicate
a drive unit
number at interrupt.
This flaa is used to Indicate a drive unit
(Unit Select 0)
Status Register 1
D7
EN
(End of Cylinder)
number at
interrupt
When the FDC tries to access a sector be-
yond the final sector of a cylinder,
this flag
IS
set
Not used. This bit is always 0 (low)
DE(Data
Error)
When the FDC detects a CRC(1) error in ei-
ther the ID field or the data field, this flag is
set
D4
OR
(Overrun)
If the FDC is not serviced by the host sys-
tem during data transfers within a certain
time interval. this flaa is set.
D3
Not used. This bit is alwavs 0 (low).
Table 3. Status Register Identification (cont)
Pin
NO.
Name
Status Register 1 (cont)
Function
D2
ND
(No Data)
During execution
of Read Data. Read De-
leted Data Write Data. Write Deleted Data
or Scan command, if the FDC cannot find
the sector specified
in the IDR(2)Register,
this flag is set.
D1
NW(Not Writeable)
Do
MA
(Missing Address
Mark)
During execution of the Read ID command.
if the FDC cannot read the ID field without
an error, then this flag IS set.
During execution of the Read Diagnostic
command. if the starting sector cannot be
found, then this flag is set.
During execution of Write Data, Write De-
leted Data or Write ID command. if the FDC
detect: a write protect srgnal from the
FDD. then this flag is Set
This bit is set if the FDC does not detect the
IDAM before 2 index pulses It is also set if
the FDC cannot find the DAM or DDAM af-
ter the IDAM i s found. MD bit of ST2 is also
Status Register 2
D7
ser at this time.
Not used. This bit IS alwavs 0 (low)
De
CM
(Control Mark)
D5
DD
During execution
of the Read Data or Scan
command, if the FDC encounters a sector
which contains a deleted data address
mark, this flag is set Also set if DAM is
found during Read Deleted Data
If the FDC detects a CRC error in the data
(Data Error in
field then this flag is set
DA
Data Field)
WC
(Wrong Cylinder)
This bit IS related to the ND bit, and when
the contents of C(3) on the medium is dif-
ferent from that stored in the IDR. this flag
is set
D3
SH
(Scan Equal Hit)
During execution
of the Scan command. if
the condition of “equal” is satisfied,
this
flag is set.
D2
SN
During execution
of the Scan command, if
(Scan Not Satisfied)
the FD cannot find a sector on the cylin-
der which meets the condition. then Cthis
flag is set
D1
BC
(Bad Cylinder)
This bit is related to the ND bit. and when
the contents of C on the medium is differ-
ent from that stored in the IDR and the con-
tents of C IS FFH. then this flag IS set
Do
MD
When data IS read from the medium, if the
(Missing Address
FDC cannot find a data address mark or
Mark in Data Field)
deleted data address mark, then this flag
is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com