Electronic Components Datasheet Search
  English  ▼

X  

PRT702LCVL5A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PRT702LCVL5A
Description  i.MX RT1064 Crossover Processors for Industrial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT702LCVL5A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PRT702LCVL5A Datasheet HTML 17Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 18Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 19Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 20Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 21Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 22Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 23Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 24Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
Electrical Characteristics
i.MX RT1064 Crossover Processors for Industrial Products, Rev. 2, 08/2020
NXP Semiconductors
21
4.1.2
Thermal resistance
4.1.2.1
10 x 10 mm thermal resistance
Table 9 shows the 10 x 10 mm package thermal resistance data.
4.1.2.2
12 x 12 mm thermal resistance
Table 9 shows the 12 x 12 mm package thermal resistance data.
IO supply for GPIO in SDIO1 bank (3.3 V mode)
NVCC_SD0
-0.3
3.6
V
IO supply for GPIO in SDIO1 bank (1.8 V mode)
-0.3
1.95
V
IO supply for GPIO in SDIO2 bank (3.3 V mode)
NVCC_SD1
-0.3
3.6
V
IO supply for GPIO in SDIO2 bank (1.8 V mode)
-0.3
1.95
V
IO supply for GPIO in EMC bank (3.3 V mode)
NVCC_EMC
-0.3
3.6
V
IO supply for GPIO in EMC bank (1.8 V mode)
-0.3
1.95
V
ESD damage Immunity:
Human Body Model (HBM)
Charge Device Model (CDM)
Vesd
—
—
1000
500
V
Input/Output Voltage range
Vin/Vout
-0.5
OVDD + 0.31
V
Storage Temperature range
TSTORAGE
-40
150
o C
1 OVDD is the I/O supply voltage.
Table 8. 10 x 10 mm thermal resistance data
Rating
Board type1
1 Thermal test board meets JEDEC specification for this package (JESD51-9).
Symbol
Value
Unit
Junction to Ambient
Thermal Resistance2
2 Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is
solely for a thermal performance comparison of one package to another in a standardized specified environment. It is not
meant to predict the performance of a package in an application-specific environment.
JESD51-9, 2S2P
RJA
39.5
oC/W
Junction-to-Top of Package Thermal
Characterization Parameter2
JESD51-9, 2S2P
JT
2.65
oC/W
Table 9. 12 x 12 mm thermal resistance data
Rating
Board type1
1 Thermal test board meets JEDEC specification for this package (JESD51-9).
Symbol
Value
Unit
Junction to Ambient
Thermal Resistance2
JESD51-9, 2S2P
RJA
39.0
oC/W
Junction-to-Top of Package Thermal
Characterization Parameter2
JESD51-9, 2S2P
JT
2.75
oC/W
Table 7. Absolute maximum ratings (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com