Electronic Components Datasheet Search
  English  ▼

X  

PRT702LCVL5A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PRT702LCVL5A
Description  i.MX RT1064 Crossover Processors for Industrial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT702LCVL5A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PRT702LCVL5A Datasheet HTML 35Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 36Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 37Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 38Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 39Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 40Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 41Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 42Page - NXP Semiconductors PRT702LCVL5A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
Electrical Characteristics
i.MX RT1064 Crossover Processors for Industrial Products, Rev. 2, 08/2020
NXP Semiconductors
39
4.3.3.1
Single voltage GPIO output buffer impedance
Table 26 shows the GPIO output buffer impedance (NVCC_XXXX 1.8 V).
Table 27 shows the GPIO output buffer impedance (NVCC_XXXX 3.3 V).
4.4
System modules
This section contains the timing and electrical parameters for the modules in the i.MX RT1064 processor.
4.4.1
Reset timings parameters
Figure 7 shows the reset timing and Table 28 lists the timing parameters.
Figure 7. Reset timing diagram
Table 26. GPIO output buffer average impedance (NVCC_XXXX 1.8 V)
Parameter
Symbol
Drive Strength (DSE)
Typ Value
Unit
Output Driver
Impedance
Rdrv
001
010
011
100
101
110
111
260
130
88
65
52
43
37
Table 27. GPIO output buffer average impedance (NVCC_XXXX 3.3 V)
Parameter
Symbol
Drive Strength (DSE)
Typ Value
Unit
Output Driver
Impedance
Rdrv
001
010
011
100
101
110
111
157
78
53
39
32
26
23
Table 28. Reset timing parameters
ID
Parameter
Min Max
Unit
CC1
Duration of POR_B to be qualified as valid.
1
—
RTC_XTALI cycle
POR_B
CC1
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com